Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF40163BP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HEF40163BP
Description  4-bit synchronous binary counter with synchronous reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF40163BP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button HEF40163BP Datasheet HTML 2Page - NXP Semiconductors HEF40163BP Datasheet HTML 3Page - NXP Semiconductors HEF40163BP Datasheet HTML 4Page - NXP Semiconductors HEF40163BP Datasheet HTML 5Page - NXP Semiconductors HEF40163BP Datasheet HTML 6Page - NXP Semiconductors HEF40163BP Datasheet HTML 7Page - NXP Semiconductors HEF40163BP Datasheet HTML 8Page - NXP Semiconductors HEF40163BP Datasheet HTML 9Page - NXP Semiconductors HEF40163BP Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
January 1995
6
Philips Semiconductors
Product specification
4-bit synchronous binary counter with
synchronous reset
HEF40163B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
MIN.
TYP.
MAX.
Minimum clock
5
100
50
ns
see also waveforms
Figs 5, 6, 7 and 8
pulse width; LOW
10
tWCPL
40
20
ns
15
30
15
ns
Set-up times
5
110
55
ns
Pn → CP
10
tsu
40
20
ns
15
30
15
ns
5
120
60
ns
PE
→ CP
10
tsu
40
20
ns
15
25
10
ns
5
260
130
ns
CEP, CET
→ CP
10
tsu
100
50
ns
15
70
35
ns
550
25
ns
SR
→ CP
10
tsu
20
10
ns
15
15
10
ns
Hold times
5
20
−35
ns
Pn → CP
10
thold
10
−10
ns
15
5
−10
ns
515
−45
ns
PE
→ CP
10
thold
5
−15
ns
15
5
−10
ns
525
−105
ns
CEP, CET
→ CP
10
thold
15
−35
ns
15
10
−25
ns
515
−10
ns
SR
→ CP
10
thold
5
−5ns
15
5
0
ns
Maximum clock
5
2,5
5
MHz
pulse frequency
10
fmax
7
14
MHz
15
9
18
MHz


Similar Part No. - HEF40163BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40160B PHILIPS-HEF40160B Datasheet
155Kb / 10P
   4-bit synchronous decade counter with asynchronous reset
January 1995
HEF40160BD PHILIPS-HEF40160BD Datasheet
155Kb / 10P
   4-bit synchronous decade counter with asynchronous reset
January 1995
HEF40160BF PHILIPS-HEF40160BF Datasheet
155Kb / 10P
   4-bit synchronous decade counter with asynchronous reset
January 1995
HEF40160BN PHILIPS-HEF40160BN Datasheet
155Kb / 10P
   4-bit synchronous decade counter with asynchronous reset
January 1995
HEF40160BP PHILIPS-HEF40160BP Datasheet
155Kb / 10P
   4-bit synchronous decade counter with asynchronous reset
January 1995
More results

Similar Description - HEF40163BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
logo
Nexperia B.V. All right...
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
logo
NXP Semiconductors
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
   Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
logo
Nexperia B.V. All right...
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
logo
NXP Semiconductors
74LVC163 PHILIPS-74LVC163 Datasheet
115Kb / 12P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74HCT163-Q100 NEXPERIA-74HCT163-Q100 Datasheet
292Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 2 - 12 October 2018
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
logo
NXP Semiconductors
HEF40161B PHILIPS-HEF40161B Datasheet
152Kb / 10P
   4-bit synchronous binary counter with asynchronous reset
January 1995
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
   Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
74LV161 PHILIPS-74LV161 Datasheet
148Kb / 16P
   Presettable synchronous 4-bit binary counter; asynchronous reset
1997 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com