Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CED4279 Datasheet(PDF) 6 Page - Chino-Excel Technology

Part # CED4279
Description  Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CED4279 Datasheet(HTML) 6 Page - Chino-Excel Technology

  CED4279 Datasheet HTML 1Page - Chino-Excel Technology CED4279 Datasheet HTML 2Page - Chino-Excel Technology CED4279 Datasheet HTML 3Page - Chino-Excel Technology CED4279 Datasheet HTML 4Page - Chino-Excel Technology CED4279 Datasheet HTML 5Page - Chino-Excel Technology CED4279 Datasheet HTML 6Page - Chino-Excel Technology CED4279 Datasheet HTML 7Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CED4279/CEU4279
6
N-CHANNEL
Qg, Total Gate Charge (nC)
Figure 13. Gate Charge
VDS, Drain-Source Voltage (V)
Figure 14. Maximum Safe
Operating Area
P-CHANNEL
Qg, Total Gate Charge (nC)
Figure 15. Gate Charge
-VDS, Drain-Source Voltage (V)
Figure 16. Maximum Safe
Operating Area
5
5
4
3
2
1
0
0
2
4
8
12
VDS=20V
ID=6A
6
10
10
2
10
1
10
0
10
-1
10
-2
10
2
10
1
10
0
10
-1
10
-2
Single Pulse
TC=25 C
TJ=150 C
RDS(ON)Limit
1ms
100ms
10ms
DC
10
2
10
1
10
0
10
-1
10
-2
10
2
10
1
10
0
10
-1
10
-2
Single Pulse
TC=25 C
TJ=150 C
RDS(ON)Limit
100ms
10ms
DC
1ms
5
4
3
2
1
0
0
1
2
4
6
VDS=20V
ID=4.5A
3
5


Similar Part No. - CED4279

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CED4279 CET-MOS-CED4279 Datasheet
800Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2007.Jan
More results

Similar Description - CED4279

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
   Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
logo
Chino-Excel Technology
CEM8958 CET-CEM8958 Datasheet
835Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM9939 CET-CEM9939 Datasheet
754Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM7350 CET-CEM7350 Datasheet
183Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com