Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEU2303 Datasheet(PDF) 2 Page - Chino-Excel Technology

Part # CEU2303
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEU2303 Datasheet(HTML) 2 Page - Chino-Excel Technology

  CEU2303 Datasheet HTML 1Page - Chino-Excel Technology CEU2303 Datasheet HTML 2Page - Chino-Excel Technology CEU2303 Datasheet HTML 3Page - Chino-Excel Technology CEU2303 Datasheet HTML 4Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CED2303/CEU2303
Electrical Characteristics Tc = 25 C unless otherwise noted
Parameter
Symbol
Min
Units
Off Characteristics
Drain-Source Breakdown Voltage
Zero Gate Voltage Drain Current
Gate Body Leakage Current, Forward
Forward Transconductance
Gate Threshold Voltage
Static Drain-Source
On-Resistance
BVDSS
IDSS
IGSSR
IGSSF
200
-1
-3
-100
100
-1
m
V
nA
nA
µ
A
V
S
6 - 47
Gate Body Leakage Current, Reverse
On Characteristics b
Dynamic Characteristics c
Input Capacitance
Reverse Transfer Capacitance
Output Capacitance
Switching Characteristics c
Turn-On Delay Time
Turn-Off Fall Time
Turn-Off Delay Time
Turn-On Rise Time
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Drain-Source Diode Characteristics and Maximun Ratings
Drain-Source Diode Forward Current
Drain-Source Diode Forward Voltage b
Test Condition
VGS = 0V, ID = -250µA
VGS(th)
RDS(on)
gFS
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
Qg
Qgs
Qgd
IS
VSD
Typ
Max
-30
VDS = -24V, VGS = 0V
VGS = 20V, VDS = 0V
VGS = -20V, VDS = 0V
VGS = VDS, ID = -250µA
VGS = -10V, ID = -4.5A
VDS = -10V, ID = -4.5A
VDD = -15V, ID = -1A,
VGS = -10V, RGEN = 6Ω
VDS = -15V, ID = -4.5A,
VGS = -10V
VDS = -15V, VGS = 0V,
f = 1.0 MHz
VGS = 0V, IS = -4.5A
230
90
20
10
10
20
6
20
20
35
20
6
0.8
1.5
10
-9
-1.5
5
pF
pF
pF
ns
ns
ns
ns
nC
nC
nC
A
V
320
m
VGS = -4.5V, ID = -2.7A
6
Notes :
a.Repetitive Rating : Pulse width limited by maximum junction temperature.
b.Pulse Test : Pulse Width < 300µs, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.


Similar Part No. - CEU2303

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CEU2015 CET-MOS-CEU2015 Datasheet
608Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2016.Oct
logo
List of Unclassifed Man...
CEU20N06 ETC1-CEU20N06 Datasheet
84Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEU20N06 CET-CEU20N06 Datasheet
124Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
CEU20N06 VBSEMI-CEU20N06 Datasheet
899Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
logo
Chino-Excel Technology
CEU20P06 CET-CEU20P06 Datasheet
143Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CEU2303

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com