Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSD-0912 Datasheet(PDF) 4 Page - Recom International Power

Part # RSD-0912
Description  1 Watt SMD Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSD-0912 Datasheet(HTML) 4 Page - Recom International Power

  RSD-0912 Datasheet HTML 1Page - Recom International Power RSD-0912 Datasheet HTML 2Page - Recom International Power RSD-0912 Datasheet HTML 3Page - Recom International Power RSD-0912 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.recom-international.com
25
July-2006
Package Style and Pinning (mm)
**) Package Style and Pinning (mm)
RSS** & RSD**
Series
ECONOLINE
DC/DC-Converter
3rd angle
projection
8 PIN Single SMD Package
10 PIN Dual SMD Package
11.10
Bottom View
Bottom View
0.55
Top View
Top View
2.54 x 3
12.75
5.35
1.65
7.30
12.10
11.10
9.00
7.90
8.15
7.40
5
2
4
1
8
10
2
4 5
RECOM
RSD-xxxx
xxxx
1
15.24
5.35
14.70
2.54x4
7.30
1.65
9.00
7.90
8.15
7.40
0.55
2.54
1.20
12.00
1.80
2.54
1.20
1.20
85
24
1
RECOM
RSS-xxxx
xxxx
12.00
1.80
10
7
24
15
1.20
7
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
4
–Vout
Com
5
+Vout
–Vout
7
No Pin
+Vout
8
NC
No Pin
10
No Pin
NC
NC = No Connection
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Recommended Footprint Details
Recommended Footprint Details
8 PIN Single SMD Package
10 PIN Dual SMD Package
11.10
Bottom View
Bottom View
0.55
Top View
Top View
2.54 x 3
12.75
5.35
1.65
7.30
12.10
11.10
9.00
7.90
8.15
7.40
5
2
4
1
8
10
2
4 5
RECOM
RSD10-xxxx
xxxx
1
15.24
5.35
14.70
2.54x4
7.30
1.65
9.00
7.90
8.15
7.40
0.55
2.54
1.20
12.00
1.80
2.54
1.20
1.20
85
24
1
3
6
7
3
6
7
RECOM
RSS8-xxxx
xxxx
12.00
1.80
10
7
24
15
1.20
3
6
8
9
3
9 8
6
7
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
3NC
NC
4
–Vout
Com
5
+Vout
–Vout
6NC
NC
7NC
+Vout
8NC
NC
9-
NC
10
-
NC
NC = No Connection
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Recommended Footprint Details
Recommended Footprint Details


Similar Part No. - RSD-0912

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSD-100 MEANWELL-RSD-100 Datasheet
259Kb / 2P
   100W Railway Single Output DC-DC Converter
RSD-100B-12 MEANWELL-RSD-100B-12 Datasheet
259Kb / 2P
   100W Railway Single Output DC-DC Converter
RSD-100B-12 MEANWELL-RSD-100B-12 Datasheet
282Kb / 2P
   100W Railway Single Output DC-DC Converter
RSD-100B-24 MEANWELL-RSD-100B-24 Datasheet
259Kb / 2P
   100W Railway Single Output DC-DC Converter
RSD-100B-24 MEANWELL-RSD-100B-24 Datasheet
282Kb / 2P
   100W Railway Single Output DC-DC Converter
More results

Similar Description - RSD-0912

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSS-121.8 RECOM-RSS-121.8 Datasheet
114Kb / 4P
   1 Watt SMD Single & Dual Output
R1S-0505 RECOM-R1S-0505 Datasheet
160Kb / 4P
   1 Watt SMD Single & Dual Output
R1DX RECOM-R1DX Datasheet
1Mb / 8P
   1 Watt SMD Single & Dual Output
R1M RECOM-R1M Datasheet
869Kb / 6P
   1 Watt SMD Single & Dual Output
REV.: 0/2023
R1S RECOM-R1S Datasheet
119Kb / 4P
   1 Watt SMD Single & Dual Output
RSS RECOM-RSS_10 Datasheet
249Kb / 6P
   1 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R1S-2405HP ETC2-R1S-2405HP Datasheet
126Kb / 4P
   1 Watt SMD Single Dual Output
logo
Recom International Pow...
R1D-1212 RECOM-R1D-1212 Datasheet
157Kb / 5P
   1 Watt SMD Single Dual Output
R1S-0515 RECOM-R1S-0515 Datasheet
126Kb / 4P
   1 Watt SMD Single Dual Output
R1S-2424 RECOM-R1S-2424 Datasheet
126Kb / 4P
   1 Watt SMD Single Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com