Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SP57L6X Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # NC7SP57L6X
Description  TinyLogic ULP Universal Configurable 2-Input Logic Gates
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP57L6X Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button NC7SP57L6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SP57L6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SP57L6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SP57L6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SP57L6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SP57L6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SP57L6X Datasheet HTML 9Page - Fairchild Semiconductor NC7SP57L6X Datasheet HTML 10Page - Fairchild Semiconductor NC7SP57L6X Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.fairchildsemi.com
8
Tape and Reel Specification
TAPE FORMAT for SC70
TAPE DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
P6X
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Package
Tape Size
DIM A
DIM B
DIM F
DIM Ko
DIM P1
DIM W
SC70-6
8 mm
0.093
0.096
0.138
± 0.004 0.053 ± 0.004
0.157
0.315
± 0.004
(2.35)
(2.45)
(3.5
± 0.10)
(1.35
± 0.10)
(4)
(8
± 0.1)


Similar Part No. - NC7SP57L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP57L6X FAIRCHILD-NC7SP57L6X Datasheet
191Kb / 11P
   TinyLogic. ULP Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SP57L6X ONSEMI-NC7SP57L6X Datasheet
288Kb / 13P
   TinyLogic ULP Universal Configurable
Revised March 2004
NC7SP57L6X ONSEMI-NC7SP57L6X Datasheet
262Kb / 13P
   TinyLogic ULP-A Universal Configurable Logic Gates
February, 2021 ??Rev. 1
More results

Similar Description - NC7SP57L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP57 FAIRCHILD-NC7SP57 Datasheet
191Kb / 11P
   TinyLogic. ULP Universal Configurable 2-Input Logic Gates
NC7SV57 FAIRCHILD-NC7SV57_04 Datasheet
184Kb / 11P
   TinyLogic ULP-A Universal Configurable 2-Input Logic Gates
NC7SV57 FAIRCHILD-NC7SV57 Datasheet
194Kb / 11P
   TinyLogic. ULP-A Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SP57 ONSEMI-NC7SP57_V01 Datasheet
262Kb / 13P
   TinyLogic ULP-A Universal Configurable Logic Gates
February, 2021 ??Rev. 1
NC7SV57 ONSEMI-NC7SV57_V01 Datasheet
376Kb / 13P
   TinyLogic ULP-A Universal Configurable Logic Gates
August, 2021 ??Rev. 3
NC7SV57 ONSEMI-NC7SV57 Datasheet
647Kb / 16P
   TinyLogic ULP-A Universal Configurable Two-Input Logic Gates
December 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
NC7SZ57 FAIRCHILD-NC7SZ57_05 Datasheet
175Kb / 11P
   TinyLogic UHS Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SZ57 ONSEMI-NC7SZ57_V01 Datasheet
445Kb / 15P
   TinyLogic UHS Universal Configurable Two-Input Logic Gates
March, 2022 - Rev. 4
NC7SP57 ONSEMI-NC7SP57 Datasheet
288Kb / 13P
   TinyLogic ULP Universal Configurable
Revised March 2004
logo
Fairchild Semiconductor
NC7SV57 FAIRCHILD-NC7SV57_10 Datasheet
633Kb / 14P
   TinyLogic짰 ULP-A Universal Configurable Two-Input Logic Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com