Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SP57 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # NC7SP57
Description  TinyLogic ULP Universal Configurable 2-Input Logic Gates
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP57 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button NC7SP57 Datasheet HTML 3Page - Fairchild Semiconductor NC7SP57 Datasheet HTML 4Page - Fairchild Semiconductor NC7SP57 Datasheet HTML 5Page - Fairchild Semiconductor NC7SP57 Datasheet HTML 6Page - Fairchild Semiconductor NC7SP57 Datasheet HTML 7Page - Fairchild Semiconductor NC7SP57 Datasheet HTML 8Page - Fairchild Semiconductor NC7SP57 Datasheet HTML 9Page - Fairchild Semiconductor NC7SP57 Datasheet HTML 10Page - Fairchild Semiconductor NC7SP57 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.fairchildsemi.com
AC Loading and Waveforms
FIGURE 11. AC Test Circuit
FIGURE 12. AC Waveforms
Symbol
VCC
3.3V
± 0.3V
2.5V
± 0.2V
1.8V
± 0.15V
1.5V
± 0.10V
1.2V
± 0.10V
0.9V
Vmi
1.5V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
Vmo
1.5V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2


Similar Part No. - NC7SP57

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP57 FAIRCHILD-NC7SP57 Datasheet
191Kb / 11P
   TinyLogic. ULP Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SP57 ONSEMI-NC7SP57 Datasheet
288Kb / 13P
   TinyLogic ULP Universal Configurable
Revised March 2004
NC7SP57 ONSEMI-NC7SP57 Datasheet
262Kb / 13P
   TinyLogic ULP-A Universal Configurable Logic Gates
February, 2021 ??Rev. 1
logo
Fairchild Semiconductor
NC7SP57L6X FAIRCHILD-NC7SP57L6X Datasheet
191Kb / 11P
   TinyLogic. ULP Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SP57L6X ONSEMI-NC7SP57L6X Datasheet
288Kb / 13P
   TinyLogic ULP Universal Configurable
Revised March 2004
More results

Similar Description - NC7SP57

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP57 FAIRCHILD-NC7SP57 Datasheet
191Kb / 11P
   TinyLogic. ULP Universal Configurable 2-Input Logic Gates
NC7SV57 FAIRCHILD-NC7SV57_04 Datasheet
184Kb / 11P
   TinyLogic ULP-A Universal Configurable 2-Input Logic Gates
NC7SV57 FAIRCHILD-NC7SV57 Datasheet
194Kb / 11P
   TinyLogic. ULP-A Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SP57 ONSEMI-NC7SP57_V01 Datasheet
262Kb / 13P
   TinyLogic ULP-A Universal Configurable Logic Gates
February, 2021 ??Rev. 1
NC7SV57 ONSEMI-NC7SV57_V01 Datasheet
376Kb / 13P
   TinyLogic ULP-A Universal Configurable Logic Gates
August, 2021 ??Rev. 3
NC7SV57 ONSEMI-NC7SV57 Datasheet
647Kb / 16P
   TinyLogic ULP-A Universal Configurable Two-Input Logic Gates
December 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
NC7SZ57 FAIRCHILD-NC7SZ57_05 Datasheet
175Kb / 11P
   TinyLogic UHS Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SZ57 ONSEMI-NC7SZ57_V01 Datasheet
445Kb / 15P
   TinyLogic UHS Universal Configurable Two-Input Logic Gates
March, 2022 - Rev. 4
NC7SP57 ONSEMI-NC7SP57 Datasheet
288Kb / 13P
   TinyLogic ULP Universal Configurable
Revised March 2004
logo
Fairchild Semiconductor
NC7SV57 FAIRCHILD-NC7SV57_10 Datasheet
633Kb / 14P
   TinyLogic짰 ULP-A Universal Configurable Two-Input Logic Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com