Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4011BN Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEF4011BN
Description  Quadruple 2-input NAND gate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4011BN Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF4011BN Datasheet HTML 1Page - NXP Semiconductors HEF4011BN Datasheet HTML 2Page - NXP Semiconductors HEF4011BN Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
January 1995
3
Philips Semiconductors
Product specification
Quadruple 2-input NAND gate
HEF4011B
gates
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
TYP
MAX
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
5
55
110
ns
28 ns
+ (0,55 ns/pF) CL
In → On
10
tPHL; tPLH
25
45
ns
14 ns
+ (0,23 ns/pF) CL
15
20
35
ns
12 ns
+ (0,16 ns/pF) CL
Output transition times
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
HIGH to LOW
10
tTHL
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
1300 fi +∑ (foCL) × VDD2
where
dissipation per
10
6000 fi +∑ (foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
20 100 fi +∑ (foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)


Similar Part No. - HEF4011BN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4011B NEXPERIA-HEF4011B Datasheet
974Kb / 11P
   Quad 2-input NAND gate
Rev. 6 - 10 December 2015
HEF4011B-Q100 NEXPERIA-HEF4011B-Q100 Datasheet
789Kb / 11P
   Quad 2-input NAND gate
logo
NXP Semiconductors
HEF4011BP NXP-HEF4011BP Datasheet
269Kb / 12P
   Inputs and outputs are protected against electrostatic effects
Rev. 5-21 November 2011
HEF4011BT NXP-HEF4011BT Datasheet
269Kb / 12P
   Inputs and outputs are protected against electrostatic effects
Rev. 5-21 November 2011
logo
Nexperia B.V. All right...
HEF4011BT NEXPERIA-HEF4011BT Datasheet
974Kb / 11P
   Quad 2-input NAND gate
Rev. 6 - 10 December 2015
More results

Similar Description - HEF4011BN

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14011B HITACHI-HD14011B Datasheet
61Kb / 6P
   Quadruple 2-input NAND Gate
logo
Unisonic Technologies
U74LV00 UTC-U74LV00 Datasheet
196Kb / 5P
   QUADRUPLE 2-INPUT NAND GATE
logo
NXP Semiconductors
HEF4011UB PHILIPS-HEF4011UB Datasheet
134Kb / 8P
   Quadruple 2-input NAND gate
January 1995
logo
Unisonic Technologies
U74HCT00 UTC-U74HCT00 Datasheet
118Kb / 4P
   QUADRUPLE 2-INPUT NAND GATE
U74HCT00 UTC-U74HCT00_15 Datasheet
118Kb / 4P
   QUADRUPLE 2-INPUT NAND GATE
logo
Texas Instruments
SN74AUC00 TI-SN74AUC00_07 Datasheet
548Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00_08 Datasheet
754Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Potato Semiconductor Co...
PO54G00A POTATO-PO54G00A Datasheet
554Kb / 6P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74ALVC00-EP TI1-SN74ALVC00-EP Datasheet
308Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74LVC00A-Q1 TI1-SN74LVC00A-Q1 Datasheet
217Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com