Part Name
         Description
CEP3120

 N-Channel Enhancement Mode Field Effect Transistor ( 4 Page)


CET
100% 
Zoom Out Zoom In
   
 1 page
background image
N-Channel Enhancement Mode Field Effect Transistor
CEP3120/CEB3120
FEATURES
30V, 40A,RDS(ON) = 15mΩ @VGS = 10V.
RDS(ON) = 22mΩ @VGS = 4.5V.
Super high dense cell design for extremely low RDS(ON).
High power and current handing capability.
TO-220 & TO-263 package.
ABSOLUTE MAXIMUM RATINGS Tc = 25 C unless otherwise noted
Parameter
Symbol
Limit
Units
Drain-Source Voltage
Gate-Source Voltage
Drain Current-Continuous
Drain Current-Pulsed a
Maximum Power Dissipation @ TC = 25 C
- Derate above 25 C
VDS
VGS
ID
PD
IDM
30
0.29
43
160
40
±20
V
W
A
A
V
W/ C
1
S
G
D
G
S
S
D
D
G
CEB SERIES
TO-263(DD-PAK)
CEP SERIES
TO-220
Lead free product is acquired.
http://www.cetsemi.com
Operating and Store Temperature Range
TJ,Tstg
-55 to 175
C
Thermal Characteristics
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
Parameter
Symbol
Limit
Units
C/W
C/W
62.5
3.5
R
θJC
R
θJA
Details are subject to change without notice .
Rev 1.
2006.Sep



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CEM2082Dual N-Channel Enhancement Mode Field Effect Transistor 1 2 3 4 Chino-Excel Technology
CEP09N6N-Channel Enhancement Mode Field Effect Transistor 1 2 3 4 Chino-Excel Technology
CEP63A3N-Channel Enhancement Mode Field Effect Transistor 1 2 3 4 Chino-Excel Technology
CEP3070N-Channel Enhancement Mode Field Effect Transistor 1 2 3 4 Chino-Excel Technology
CEM2108Dual N-Channel Enhancement Mode Field Effect Transistor 1 2 3 4 Chino-Excel Technology
CEM4282N-Channel Enhancement Mode Field Effect Transistor 1 2 3 4 Chino-Excel Technology
CEM8208Dual N-Channel Enhancement Mode Field Effect Transistor 1 2 3 4 Chino-Excel Technology
CEP09N7AN-Channel Enhancement Mode Field Effect Transistor 1 2 3 4 Chino-Excel Technology
CEP65A3N-Channel Enhancement Mode Field Effect Transistor 1 2 3 4 Chino-Excel Technology
P75N02LDN-Channel Logic Level Enhancement Mode Field Effect Transistor 1 2 3 List of Unclassifed Manufacturers

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl