Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX-0912D Datasheet(PDF) 3 Page - Recom International Power

Part # RX-0912D
Description  1 Watt SIP7 & DIP14 Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RX-0912D Datasheet(HTML) 3 Page - Recom International Power

  RX-0912D Datasheet HTML 1Page - Recom International Power RX-0912D Datasheet HTML 2Page - Recom International Power RX-0912D Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.recom-international.com
55
July-2006
Package Style and Pinning (mm)
RY & RX
Series
ECONOLINE
DC/DC-Converter
Dual Output
12
5
RECOM
RY-0505S
****
6
4
12
5
RECOM
RY-0505D
****
6
Single Output
4
7.05
0.51 typ.
4.10
10.20
19.65
1.27
0.25
5 x 2.54
2.0
RECOM
RY-xxxxS
****
0.51 typ.
2.54
1.00ø+0.15/–0
2.54
Top View
Bottom View
3rd angle
projection
Recommended Footprint Details
7 PIN SIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
9
14
1
11
Bottom View
2.54
1.00ø+0.15/–0
2.54
19.90
Top View
9
14
1
7
Bottom View
2.54
1.00ø+0.15/–0
2.54
19.90
Top View
6
RECOM
RX-0505S
****
Single Output
Dual Output
10.00
7.70
3.25
7.10
12.70
2.50
10
3.25
15.24
2.50
8
7.10
Recommended Footprint Details
14 PIN DIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
RX Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
6
No Pin
+Vout
7
No Pin
Com
8
No Pin
–Vout
9
+Vout
Com
10
CTRL
No Pin
11
–Vout
No Pin
14
+Vin
+Vin
RX Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
–Vin
–Vin
4
–Vout
–Vout
5
CTRL
Com
6
+Vout
+Vout


Similar Part No. - RX-0912D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RX-0912D RECOM-RX-0912D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX-0912D RECOM-RX-0912D Datasheet
104Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
More results

Similar Description - RX-0912D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-1.81.8S RECOM-RB-1.81.8S_06 Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-1205S RECOM-RY-1205S Datasheet
104Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RK-1.81.8S RECOM-RK-1.81.8S_06 Datasheet
111Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RD-123.3D RECOM-RD-123.3D Datasheet
100Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RD-053.3D RECOM-RD-053.3D_06 Datasheet
96Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
   1 Watt SIP7 SIP7 Single & Dual Output
RJ-1.81.8S RECOM-RJ-1.81.8S_06 Datasheet
109Kb / 3P
   1 Watt DIP14 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
   1 Watt SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP Datasheet
79Kb / 3P
   1 Watt SIP7 Single & Dual Output
RY-1205D RECOM-RY-1205D Datasheet
112Kb / 2P
   ECONOLINE - DC/DC-Converter, 1 Watt, DIP14/SIP7, Regulated (Dual Output)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com