Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38007S7-XXXFS Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M38007S7-XXXFS
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38007S7-XXXFS Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M38007S7-XXXFS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38007S7-XXXFS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38007S7-XXXFS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38007S7-XXXFS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38007S7-XXXFS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38007S7-XXXFS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38007S7-XXXFS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38007S7-XXXFS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38007S7-XXXFS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 173 page
background image
BEFORE USING THIS USER’S MANUAL
This user’s manual consists of the following three chapters. Refer to the chapter appropriate to your conditions, such
as hardware design or software development. Chapter 3 also includes necessary information for systems development.
Be sure to refer to this chapter.
1. Organization
q CHAPTER 1 HARDWARE
This chapter describes features of the microcomputer and operation of each peripheral function.
q CHAPTER 2 APPLICATION
This chapter describes usage and application examples of peripheral functions, based mainly on setting examples
of related registers.
q CHAPTER 3 APPENDIX
This chapter includes necessary information for systems development using the microcomputer, electric
characteristics, a list of registers, the masking confirmation (mask ROM version), and mark specifications which
are to be submitted when ordering.
2. Structure of register
The figure of each register structure describes its functions, contents at reset, and attributes as follows :
Note 2. Bit attributes••••••The attributes of control register bits are classified into 3 bytes : read-only, write-only
and read and write. In the figure, these attributes are represented as follows :
: Bit in which nothing is arranged
0 1 :
Name
Function
At reset
RW
B
0
1
2
3
4
0
0
0
0
0
!
!
5
6
7
1
T
b0
b1
b2
b3
b4
b5
b6
b7
Contents immediately after reset release
Bit attributes
(Note 1)
Processor mode bits
Stack page selection bit
Nothing arranged for these bits. These are write disabled
bits. When these bits are read out, the contents are “0.”
Fix this bit to “0.”
Main clock (XIN-XOUT) stop bit
Internal system clock selection bit
0 0 : Single-chip mode
1 0 :
1 1 :
Not available
b1 b0
0 : 0 page
1 : 1 page
0 : Operating
1 : Stopped
0 : XIN-XOUT selected
1 : XCIN-XCOUT selected
: Bit that is not used for control of the corresponding function
0
Note 1. Contents immediately after reset release
0••••••“0” at reset release
1••••••“1” at reset release
Undefined••••••Undefined or reset release
••••••Contents determined by option at reset release
T
R••••••Read
••••••Read enabled
!••••••Read disabled
W••••••Write
••••••Write enabled
! ••••••Write disabled
(Note 2)
T
CPU mode register (CPUM) [Address : 3B16]
Bits


Similar Part No. - M38007S7-XXXFS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38007S7-XXXSP RENESAS-M38007S7-XXXSP Datasheet
1Mb / 174P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38007S7-XXXFS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
   SINGLE CHIP 8 BIT MICROCOMPUTER
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
   8-bit single chip microcomputer
logo
Renesas Technology Corp
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
   8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
   8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
   8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
   8-bit Single Chip Microcomputer
logo
Renesas Technology Corp
3819 RENESAS-3819_03 Datasheet
2Mb / 218P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88349 EPSON-S1C88349 Datasheet
117Kb / 3P
   8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com