Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78L05ABD Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MC78L05ABD
Description  3-Terminal 0.1A 5V Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC78L05ABD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MC78L05ABD Datasheet HTML 1Page - Fairchild Semiconductor MC78L05ABD Datasheet HTML 2Page - Fairchild Semiconductor MC78L05ABD Datasheet HTML 3Page - Fairchild Semiconductor MC78L05ABD Datasheet HTML 4Page - Fairchild Semiconductor MC78L05ABD Datasheet HTML 5Page - Fairchild Semiconductor MC78L05ABD Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC78L05AB
5
Mechanical Dimensions (Continued)
Package
Dimensions in millimeters
5.72
0.225
1.55
±0.20
0.061
±0.008
0.1~0.25
0.004~0.001
6.00
±0.30
0.236
±0.012
3.95
±0.20
0.156
±0.008
0.50
±0.20
0.020
±0.008
#1
#4
#5
#8
1.80
0.071
MAX
MIN
8-SOP


Similar Part No. - MC78L05ABD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78L05ABD MOTOROLA-MC78L05ABD Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
ON Semiconductor
MC78L05ABD ONSEMI-MC78L05ABD Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
MC78L05ABD ONSEMI-MC78L05ABD Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L05ABD ONSEMI-MC78L05ABD Datasheet
194Kb / 18P
   100 mA Positive Voltage Regulators
January, 2010 ??Rev. 15
MC78L05ABDG ONSEMI-MC78L05ABDG Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
More results

Similar Description - MC78L05ABD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78L05AI FAIRCHILD-KA78L05AI Datasheet
59Kb / 6P
   3-Terminal 0.1A 5V Positive Voltage Regulator
MC78L05AB FAIRCHILD-MC78L05AB_12 Datasheet
51Kb / 6P
   3-Terminal 0.1A 5V Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_15 Datasheet
278Kb / 8P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX_10 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
68Kb / 16P
   3-terminal 0.1A positive voltage regulator
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
82Kb / 18P
   3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_04 Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com