Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEM6080 Datasheet(PDF) 3 Page - Chino-Excel Technology

Part # CEM6080
Description  Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEM6080 Datasheet(HTML) 3 Page - Chino-Excel Technology

  CEM6080 Datasheet HTML 1Page - Chino-Excel Technology CEM6080 Datasheet HTML 2Page - Chino-Excel Technology CEM6080 Datasheet HTML 3Page - Chino-Excel Technology CEM6080 Datasheet HTML 4Page - Chino-Excel Technology CEM6080 Datasheet HTML 5Page - Chino-Excel Technology CEM6080 Datasheet HTML 6Page - Chino-Excel Technology CEM6080 Datasheet HTML 7Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CEM6080
Parameter
Symbol
Min
Units
Off Characteristics
Drain-Source Breakdown Voltage
Zero Gate Voltage Drain Current
Gate Body Leakage Current, Forward
Forward Transconductance
Gate Threshold Voltage
Static Drain-Source
On-Resistance
BVDSS
IDSS
IGSSR
IGSSF
130
-1
-3
-100
100
-1
m
V
nA
nA
µ
A
V
S
3
Gate Body Leakage Current, Reverse
On Characteristics
Dynamic Characteristics c
Input Capacitance
Reverse Transfer Capacitance
Output Capacitance
Switching Characteristics c
Turn-On Delay Time
Turn-Off Fall Time
Turn-Off Delay Time
Turn-On Rise Time
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Drain-Source Diode Characteristics and Maximun Ratings
Drain-Source Diode Forward Current
Drain-Source Diode Forward Voltage b
Test Condition
VGS = 0V, ID = -250µA
VGS(th)
RDS(on)
gFS
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
Qg
Qgs
Qgd
IS
VSD
Typ
Max
-60
VDS = -60V, VGS = 0V
VGS = 20V, VDS = 0V
VGS = -20V, VDS = 0V
VGS = VDS, ID = -250µA
VGS = -10V, ID = -3.3A
VDS = -15V, ID = -3.3A
VDD = -30V, ID = -1A,
VGS = -10V, RGEN = 6Ω
VDS = -30V, ID = -3.3A,
VGS = -10V
VDS = -30V, VGS = 0V,
f = 1.0 MHz
VGS = 0V, IS = -1.3A
885
80
80
12
4
31
5
24
8
62
10
10.5
2
1
14
-3.3
-1.2
8
pF
pF
pF
ns
ns
ns
ns
nC
nC
nC
A
V
105
180
m
VGS = -4.5V, ID = -2.6A
135
6
P-Channel Electrical Characteristics T
A = 25 C unless otherwise noted
Notes :
a.Repetitive Rating : Pulse width limited by maximum junction temperature.
b.Pulse Test : Pulse Width < 300µs, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.


Similar Part No. - CEM6080

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM6086 CET-CEM6086 Datasheet
412Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM6086 CET-MOS-CEM6086 Datasheet
635Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2012.Jan
logo
Chino-Excel Technology
CEM6086L CET-CEM6086L Datasheet
412Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEM6088 CET-CEM6088 Datasheet
404Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM6088 CET-MOS-CEM6088 Datasheet
620Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2012.Mar
More results

Similar Description - CEM6080

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
   Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
logo
Chino-Excel Technology
CEM8958 CET-CEM8958 Datasheet
835Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM9939 CET-CEM9939 Datasheet
754Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM7350 CET-CEM7350 Datasheet
183Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com