Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4000BF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEF4000BF
Description  Dual 3-input NOR gate and inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4000BF Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF4000BF Datasheet HTML 1Page - NXP Semiconductors HEF4000BF Datasheet HTML 2Page - NXP Semiconductors HEF4000BF Datasheet HTML 3Page - NXP Semiconductors HEF4000BF Datasheet HTML 4Page - NXP Semiconductors HEF4000BF Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
January 1995
3
Philips Semiconductors
Product specification
Dual 3-input NOR gate and inverter
HEF4000B
gates
DC CHARACTERISTICS
For the single inverter stage (I7/O3):
see Family Specifications for input voltages HIGH and LOW (unbuffered stages only).
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
5
70
140
ns
43 ns
+ (0,55 ns/pF) CL
I1 to I6 → O1,O2
10
tPHL; tPLH
35
70
ns
24 ns
+ (0,23 ns/pF) CL
15
30
55
ns
22 ns
+ (0,16 ns/pF) CL
5
45
90
ns
18 ns
+ (0,55 ns/pF) CL
I7 → O3
10
tPHL; tPLH
25
50
ns
14 ns
+ (0,23 ns/pF) CL
(unbuffered output)
15
20
40
ns
12 ns
+ (0,16 ns/pF) CL
Output transition times
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
HIGH to LOW
10
tTHL
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
1 000 fi +∑ (foCL) × VDD2
where
dissipation per
10
7 700 fi +∑ (foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
28 700 fi +∑ (foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)


Similar Part No. - HEF4000BF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4001B PHILIPS-HEF4001B Datasheet
25Kb / 3P
   Quadruple 2-input NOR gate
January 1995
HEF4001B PHILIPS-HEF4001B Datasheet
29Kb / 3P
   Quadruple 2-input NOR gate
January 1995
logo
Nexperia B.V. All right...
HEF4001B NEXPERIA-HEF4001B Datasheet
198Kb / 9P
   Quad 2-input NOR gate
Rev. 11 - 19 November 2021
HEF4001B-Q100 NEXPERIA-HEF4001B-Q100 Datasheet
666Kb / 11P
   Quad 2-input NOR gate
logo
NXP Semiconductors
HEF4001BD PHILIPS-HEF4001BD Datasheet
25Kb / 3P
   Quadruple 2-input NOR gate
January 1995
More results

Similar Description - HEF4000BF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14000UB MOTOROLA-MC14000UB Datasheet
191Kb / 5P
   Dual 3-Input NOR Gate Plus Inverter
MC10211 MOTOROLA-MC10211 Datasheet
106Kb / 5P
   Dual 3-Input/3-Output NOR Gate
logo
ON Semiconductor
MC10H211 ONSEMI-MC10H211 Datasheet
95Kb / 3P
   Dual 3-Input 3-Output NOR Gate
1996 REV 5
logo
National Semiconductor ...
MM54C00 NSC-MM54C00 Datasheet
146Kb / 6P
   Quad 2-Input NAND Gate, Quad 2-Input NOR Gate, Hex Inverter, Triple 3-Input NAND Gate, Dual 4-Input NAND Gate
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
   Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
   Triple 3-Input NOR Gate
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
   Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
   Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com