Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB-2415D Datasheet(PDF) 4 Page - Recom International Power

Part # RB-2415D
Description  1 Watt SIP7 & DIP14 Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RB-2415D Datasheet(HTML) 4 Page - Recom International Power

  RB-2415D Datasheet HTML 1Page - Recom International Power RB-2415D Datasheet HTML 2Page - Recom International Power RB-2415D Datasheet HTML 3Page - Recom International Power RB-2415D Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.recom-international.com
31
July-2006
Package Style and Pinning (mm)
RB & RA
Series
ECONOLINE
DC/DC-Converter
3rd angle
projection
14 PIN DIP Package
3.25
7.10
15.24
2.0
Bottom View
7.62
10.00
ø 0.51 typ.
Top View
Dual Output
Single Output
RECOM
RA-0505S
****
98
11
14
17
2.54
1.00ø+0.15/–0
2.54
19.90
RECOM
RA-0505D
****
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
7NC
NC
8
–Vout
Com
9
+Vout
+Vout
11
NC
–Vout
14
+Vin
+Vin
NC = No Connection
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm


Similar Part No. - RB-2415D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-2415D RECOM-RB-2415D Datasheet
115Kb / 4P
   ECONOLINE - DC/DC - CONVERTER
RB-2415D RECOM-RB-2415D Datasheet
121Kb / 3P
   Low Cost 1W Converter Power Sharing on Dual Output Version
More results

Similar Description - RB-2415D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RY-1205S RECOM-RY-1205S Datasheet
104Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RK-1.81.8S RECOM-RK-1.81.8S_06 Datasheet
111Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505S RECOM-RY-0505S_06 Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RD-123.3D RECOM-RD-123.3D Datasheet
100Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RD-053.3D RECOM-RD-053.3D_06 Datasheet
96Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
   1 Watt SIP7 SIP7 Single & Dual Output
RJ-1.81.8S RECOM-RJ-1.81.8S_06 Datasheet
109Kb / 3P
   1 Watt DIP14 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
   1 Watt SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP Datasheet
79Kb / 3P
   1 Watt SIP7 Single & Dual Output
RY-1205D RECOM-RY-1205D Datasheet
112Kb / 2P
   ECONOLINE - DC/DC-Converter, 1 Watt, DIP14/SIP7, Regulated (Dual Output)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com