Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75321D Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 75321D
Description  20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

75321D Datasheet(HTML) 5 Page - Fairchild Semiconductor

  75321D Datasheet HTML 1Page - Fairchild Semiconductor 75321D Datasheet HTML 2Page - Fairchild Semiconductor 75321D Datasheet HTML 3Page - Fairchild Semiconductor 75321D Datasheet HTML 4Page - Fairchild Semiconductor 75321D Datasheet HTML 5Page - Fairchild Semiconductor 75321D Datasheet HTML 6Page - Fairchild Semiconductor 75321D Datasheet HTML 7Page - Fairchild Semiconductor 75321D Datasheet HTML 8Page - Fairchild Semiconductor 75321D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUF75321D3, HUF75321D3S Rev. B
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 12. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 13. GATE CHARGE WAVEFORMS FOR CONSTANT GATE CURRENT
Typical Performance Curves (Continued)
1.0
1.5
2.0
2.5
-40
0
40
80
120
160
200
0.5
-80
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 20A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.8
1.0
1.2
-40
0
40
80
120
160
200
0.6
-80
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.9
1.0
1.1
1.2
-40
0
40
80
120
160
200
-80
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
800
400
0
0
102030
40
50
600
VDS, DRAIN TO SOURCE VOLTAGE (V)
200
CISS
COSS
CRSS
60
1000
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
10
8
6
4
0
VDD = 30V
2
15
20
0
Qg, GATE CHARGE (nC)
510
ID = 20A
ID = 10A
ID = 5A
WAVEFORMS IN
DESCENDING ORDER:
25
HUF75321D3, HUF75321D3S


Similar Part No. - 75321D

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
75321D VBSEMI-75321D Datasheet
896Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - 75321D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF75321D3 INTERSIL-HUF75321D3 Datasheet
129Kb / 9P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75321D3ST FAIRCHILD-HUF75321D3ST Datasheet
836Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75321D3 FAIRCHILD-HUFA75321D3 Datasheet
226Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
HUF75329D3 FAIRCHILD-HUF75329D3 Datasheet
225Kb / 10P
   20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75329D3 INTERSIL-HUF75329D3 Datasheet
127Kb / 9P
   20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75329D3 FAIRCHILD-HUFA75329D3 Datasheet
311Kb / 10P
   20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75309P3 INTERSIL-HUF75309P3 Datasheet
102Kb / 9P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com