Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL062N Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HCPL062N
Description  3.3V Dual Channel High Speed-10 MBit/s Logic Gate Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL062N Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HCPL062N Datasheet HTML 1Page - Fairchild Semiconductor HCPL062N Datasheet HTML 2Page - Fairchild Semiconductor HCPL062N Datasheet HTML 3Page - Fairchild Semiconductor HCPL062N Datasheet HTML 4Page - Fairchild Semiconductor HCPL062N Datasheet HTML 5Page - Fairchild Semiconductor HCPL062N Datasheet HTML 6Page - Fairchild Semiconductor HCPL062N Datasheet HTML 7Page - Fairchild Semiconductor HCPL062N Datasheet HTML 8Page - Fairchild Semiconductor HCPL062N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
www.fairchildsemi.com
HCPL062N Rev. 1.0.0
Electrical Characteristics (T
A = -40°C to +85°C Unless otherwise specified.)
Individual Component Characteristics
Switching Characteristics (TA = -40°C to +85°C, VCC = 3.3V, IF = 7.5 mA Unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min.
Typ.(3)
Max.
Unit
EMITTER
VF
Input Forward Voltage
IF = 10mA
1.8
V
TA =25°C
1.75
BVR
Input Reverse Breakdown
Voltage
IR = 10µA
5.0
V
∆VF/∆TA Input Diode Temperature
Coefficient
IF = 10mA
-1.5
mV/°C
DETECTOR
ICCH
High Level Supply Current
IF = 0mA, VCC = 3.3V
7.1
10
mA
ICCL
Low Level Supply Current
IF = 10mA, VCC = 3.3V
6.7
15
mA
Symbol
AC Characteristics
Test Conditions
Min.
Typ.(3)
Max.
Unit
TPLH
Propagation Delay
Time to Output High
Level
RL = 350Ω, CL = 15pF
Note 4, Fig. 10
––
90
ns
TPHL
Propagation Delay
Time to Output Low
Level
RL = 350Ω, CL = 15pF
Note 5, Fig. 10
––
75
ns
|TPHL–TPLH| Pulse Width Distortion RL = 350Ω, CL = 15pF
Fig. 10
––
25
ns
tr
Output Rise Time
(10–90%)
RL = 350Ω, CL = 15pF)
Note 6, Fig. 10
–16–
ns
tf
Output Fall Time
(90–10%)
RL = 350Ω, CL = 15pF
Note 7, Fig. 10
–4–
ns
|CMH|
Common Mode
Transient Immunity
(at Output High Level)
RL = 350Ω, TA = 25°C, IF = 0 mA,
VCC = 3.3V, VO(Min.) = 2V
|VCM| = 1,000V
Notes 8, 11, Fig. 11
25,000
V/µs
|CML|
Common Mode
Transient Immunity
(at Output Low Level)
RL = 350Ω, TA =25°C, IF = 7.5mA,
VCC = 3.3V, VO(Max.) = 0.8V
|VCM| = 1,000V
Notes 9, 11, Fig. 11
25,000
V/µs


Similar Part No. - HCPL062N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
616Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
414Kb / 18P
   The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Similar Description - HCPL062N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD260L FAIRCHILD-FOD260L_11 Datasheet
789Kb / 19P
   3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
FOD260L FAIRCHILD-FOD260L Datasheet
789Kb / 19P
   3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com