Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FVP18030IM3LSG1 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FVP18030IM3LSG1
Description  Sustain
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FVP18030IM3LSG1 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FVP18030IM3LSG1 Datasheet HTML 2Page - Fairchild Semiconductor FVP18030IM3LSG1 Datasheet HTML 3Page - Fairchild Semiconductor FVP18030IM3LSG1 Datasheet HTML 4Page - Fairchild Semiconductor FVP18030IM3LSG1 Datasheet HTML 5Page - Fairchild Semiconductor FVP18030IM3LSG1 Datasheet HTML 6Page - Fairchild Semiconductor FVP18030IM3LSG1 Datasheet HTML 7Page - Fairchild Semiconductor FVP18030IM3LSG1 Datasheet HTML 8Page - Fairchild Semiconductor FVP18030IM3LSG1 Datasheet HTML 9Page - Fairchild Semiconductor FVP18030IM3LSG1 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.fairchildsemi.com
FVP18030IM3LSG1 Rev. A
Mechanical Characteristics and Ratings
Figure 9. Flatness Measurement Position
Parameter
Conditions
Limits
Units
Min.
Typ.
Max.
Mounting Torque
Mounting Screw: - M3
Recommended 0.62N•m
0.51
0.62
0.72
N•m
Device Flatness
Note Figure 5
0
-
+100
µm
Weight
-
13.4
-
g
(+)


Similar Part No. - FVP18030IM3LSG1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FVP12030IM3LEG1 FAIRCHILD-FVP12030IM3LEG1 Datasheet
290Kb / 10P
   Energy Recovery
More results

Similar Description - FVP18030IM3LSG1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1505ABHDL ETC2-1505ABHDL Datasheet
896Kb / 4P
   Improved insulator materials sustain maximum return loss performance
logo
Sanyo Semicon Device
TND323VD SANYO-TND323VD Datasheet
49Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND315S SANYO-TND315S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND312S SANYO-TND312S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND311S SANYO-TND311S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND304S SANYO-TND304S Datasheet
37Kb / 4P
   General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive Switching Power Supply, DC / DC Converter Applications
TND313S SANYO-TND313S Datasheet
49Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND322VD SANYO-TND322VD Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND316S SANYO-TND316S Datasheet
49Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND314S SANYO-TND314S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com