Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAU3157 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FSAU3157
Description  Low Voltage SPDT Analog Switch with 2V Undershoot Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAU3157 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FSAU3157 Datasheet HTML 3Page - Fairchild Semiconductor FSAU3157 Datasheet HTML 4Page - Fairchild Semiconductor FSAU3157 Datasheet HTML 5Page - Fairchild Semiconductor FSAU3157 Datasheet HTML 6Page - Fairchild Semiconductor FSAU3157 Datasheet HTML 7Page - Fairchild Semiconductor FSAU3157 Datasheet HTML 8Page - Fairchild Semiconductor FSAU3157 Datasheet HTML 9Page - Fairchild Semiconductor FSAU3157 Datasheet HTML 10Page - Fairchild Semiconductor FSAU3157 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.fairchildsemi.com
8
Tape and Reel Specification
TAPE FORMAT
TAPE DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
P6X
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Package
Tape Size
DIM A
DIM B
DIM F
DIM Ko
DIM P1
DIM W
SC70-6
8 mm
0.093
0.096
0.138
r 0.004
0.053
r 0.004
0.157
0.315
r 0.004
(2.35)
(2.45)
(3.5
r 0.10)
(1.35
r 0.10)
(4)
(8
r 0.1)


Similar Part No. - FSAU3157

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAU3157 FAIRCHILD-FSAU3157 Datasheet
845Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
FSAU3157P6X FAIRCHILD-FSAU3157P6X Datasheet
127Kb / 10P
   TinyLogic. Low Voltage UHS SPDT Analog Switch with .2V Undershoot Protection
FSAU3157P6X FAIRCHILD-FSAU3157P6X Datasheet
845Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
logo
ON Semiconductor
FSAU3157P6X ONSEMI-FSAU3157P6X Datasheet
522Kb / 12P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
June 2009 Rev. 1.0.5
More results

Similar Description - FSAU3157

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157 Datasheet
127Kb / 10P
   TinyLogic. Low Voltage UHS SPDT Analog Switch with .2V Undershoot Protection
logo
Texas Instruments
TS5A623157 TI1-TS5A623157_14 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
TS5A623157 TI-TS5A623157 Datasheet
738Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
logo
Fairchild Semiconductor
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
   4-Bit Bus Switch with -2V Undershoot Protection
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16245 FAIRCHILD-FSTU16245 Datasheet
190Kb / 6P
   16-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
240Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU32X384 FAIRCHILD-FSTU32X384 Datasheet
241Kb / 6P
   20-Bit Low Power Bus Switch with -2V Undershoot Protection
FSTU16211 FAIRCHILD-FSTU16211 Datasheet
211Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com