Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGP7N60RUFDTU Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FGP7N60RUFDTU
Description  600V, 7A RUF IGBT CO-PAK
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGP7N60RUFDTU Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FGP7N60RUFDTU Datasheet HTML 1Page - Fairchild Semiconductor FGP7N60RUFDTU Datasheet HTML 2Page - Fairchild Semiconductor FGP7N60RUFDTU Datasheet HTML 3Page - Fairchild Semiconductor FGP7N60RUFDTU Datasheet HTML 4Page - Fairchild Semiconductor FGP7N60RUFDTU Datasheet HTML 5Page - Fairchild Semiconductor FGP7N60RUFDTU Datasheet HTML 6Page - Fairchild Semiconductor FGP7N60RUFDTU Datasheet HTML 7Page - Fairchild Semiconductor FGP7N60RUFDTU Datasheet HTML 8Page - Fairchild Semiconductor FGP7N60RUFDTU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.fairchildsemi.com
FGP7N60RUFD Rev. A
Typical Performance Characteristics
Figure 1. Typical Output Characteristics
Figure 2. Typical Saturation Voltage
Characteristics
Figure 3. Saturation Voltage vs Case
Figure 4. Load Current vs Frequency
Temperature at Variant Current Level
Figure 5. Saturation Voltage vs. Vge
Figure 6. Saturation Voltage vs. Vge
02
46
8
0
10
20
30
40
V
GE= 8V
T
C = 25
oC
Collector-Emitter Voltage, V
CE [V ]
20V
15V
12V
10V
02
4
6
8
0
10
20
30
40
C om m on E m itter
V
Ge = 15V
Tc = 2 5
oC
T c = 125
oC
C ollector-E m itter V oltage, V
ce[V ]
0
25
50
75
100
125
150
1
2
3
4
Ic = 14 A
Ic = 7 A
Ic =3.5 A
Case Temperature, Tc [
oC]
Commom Emitter
V
GE = 15V
0.1
1
10
100
1000
0
5
10
15
Vcc = 300V
load Current : peak of square wave
Duty cycle : 50%
Tc = 100
oC
Power Dissipation = 14W
Frequency [kHz]
510
15
20
2
4
6
8
10
Common Emitter
T
C = 25
oC
Ic=3.5A
Gate - Emitter Voltage, V
GE [V]
7A
14A
510
15
20
0
2
4
6
8
10
Com m on Em itter
Tc = 125
oC
Gate - Emitter Voltage, V
GE [V ]
Ic=3.5A
7A
14A


Similar Part No. - FGP7N60RUFDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGP7N60RUFD FAIRCHILD-FGP7N60RUFD Datasheet
861Kb / 9P
   600V, 7A RUF IGBT CO-PAK
More results

Similar Description - FGP7N60RUFDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGP7N60RUFD FAIRCHILD-FGP7N60RUFD Datasheet
861Kb / 9P
   600V, 7A RUF IGBT CO-PAK
FGPF7N60RUFD FAIRCHILD-FGPF7N60RUFD Datasheet
902Kb / 9P
   600V, 7A RUF IGBT CO-PAK
FGPF7N60LSD FAIRCHILD-FGPF7N60LSD Datasheet
791Kb / 9P
   600V, 7A Low Saturation IGBT CO-PAK
FGA50N100BNTD2 FAIRCHILD-FGA50N100BNTD2 Datasheet
816Kb / 9P
   1000V, 50A NPT-Trench IGBT CO-PAK
FGA50N100BNTD FAIRCHILD-FGA50N100BNTD Datasheet
710Kb / 7P
   1000V, 50A NPT-Trench IGBT CO-PAK
FGA50N100BNT FAIRCHILD-FGA50N100BNT Datasheet
707Kb / 8P
   1000V, 50A NPT-Trench IGBT CO-PAK
FGB7N60UNDF FAIRCHILD-FGB7N60UNDF Datasheet
754Kb / 9P
   600V, 7A Short Circuit Rated IGBT
logo
STMicroelectronics
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
   N-CHANNEL 7A - 600V - DPAK PowerMESH??IGBT
STGD7NB60H-1 STMICROELECTRONICS-STGD7NB60H-1 Datasheet
86Kb / 8P
   N-CHANNEL 7A - 600V IPAK PowerMESH IGBT
STGB7NB60HD STMICROELECTRONICS-STGB7NB60HD Datasheet
322Kb / 8P
   N-CHANNEL 7A - 600V DPAK PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com