Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7842 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN7842
Description  High and Low Side Gate Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7842 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN7842_07 Datasheet HTML 2Page - Fairchild Semiconductor FAN7842_07 Datasheet HTML 3Page - Fairchild Semiconductor FAN7842_07 Datasheet HTML 4Page - Fairchild Semiconductor FAN7842_07 Datasheet HTML 5Page - Fairchild Semiconductor FAN7842_07 Datasheet HTML 6Page - Fairchild Semiconductor FAN7842_07 Datasheet HTML 7Page - Fairchild Semiconductor FAN7842_07 Datasheet HTML 8Page - Fairchild Semiconductor FAN7842_07 Datasheet HTML 9Page - Fairchild Semiconductor FAN7842_07 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7842 Rev. 1.0.2
6
Typical Characteristics
Figure 4. Turn-On Propagation Delay vs.
Supply Voltage
Figure 5. Turn-On Propagation Delay vs. Temp.
Figure 6. Turn-Off Propagation Delay vs.
Supply Voltage
Figure 7. Turn-Off Propagation Delay vs. Temp.
Figure 8. Turn-On Rising Time vs. Supply Voltage
Figure 9. Turn-On Rising Time vs. Temp.
10
12
14
16
18
20
100
150
200
250
300
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
CL=1nF
Ta=25°C
10
12
14
16
18
20
100
150
200
250
300
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
CL=1nF
Ta=25°C
-40
-20
0
20
40
60
80
100
120
50
75
100
125
150
175
200
225
250
275
300
Temperature[°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
CL=1nF
-40
-20
0
20
40
60
80
100
120
50
75
100
125
150
175
200
225
250
275
300
Temperature[°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
CL=1nF
V
CC=VBS
COM=0V
C
L=1nF
T
A=25°C
V
CC=VBS=15V
COM=0V
C
L=1nF
10
12
14
16
18
20
100
120
140
160
180
200
220
240
260
280
300
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
CL=1nF
Ta=25°C
10
12
14
16
18
20
100
120
140
160
180
200
220
240
260
280
300
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
CL=1nF
Ta=25°C
-40
-20
0
20
40
60
80
100
120
125
150
175
200
225
250
275
300
Low-Side
Temperature [°C]
High-Side
VCC=VBS=15V
COM=0V
CL=1nF
-40
-20
0
20
40
60
80
100
120
125
150
175
200
225
250
275
300
Low-Side
Temperature [°C]
High-Side
-40
-20
0
20
40
60
80
100
120
125
150
175
200
225
250
275
300
Low-Side
Temperature [°C]
High-Side
VCC=VBS=15V
COM=0V
CL=1nF
V
CC=VBS
COM=0V
C
L=1nF
T
A=25°C
V
CC=VBS=15V
COM=0V
C
L=1nF
10
11
12
13
14
15
16
17
18
19
20
42
44
46
48
50
52
54
56
58
60
62
64
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
CL=1nF
Ta=25°C
10
11
12
13
14
15
16
17
18
19
20
42
44
46
48
50
52
54
56
58
60
62
64
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
CL=1nF
Ta=25°C
-40
-20
0
204060
80
100
120
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
Temperature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
CL=1nF
-40
-20
0
204060
80
100
120
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
Temperature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
CL=1nF
V
CC=VBS
COM=0V
C
L=1nF
T
A=25°C
V
CC=VBS=15V
COM=0V
C
L=1nF


Similar Part No. - FAN7842_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7842M FAIRCHILD-FAN7842M Datasheet
356Kb / 13P
   Half Bridge Gate Driver
FAN7842MX FAIRCHILD-FAN7842MX Datasheet
356Kb / 13P
   Half Bridge Gate Driver
logo
ON Semiconductor
FAN7842MX ONSEMI-FAN7842MX Datasheet
323Kb / 14P
   High- and Low-Side Gate Driver
August 2016 Rev. 1.5
More results

Similar Description - FAN7842_07

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2005 DIODES-DGD2005 Datasheet
513Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2101M DIODES-DGD2101M Datasheet
1Mb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21064M DIODES-DGD21064M Datasheet
617Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
logo
Infineon Technologies A...
AUIRS2012S INFINEON-AUIRS2012S Datasheet
464Kb / 11P
   High and low side gate driver
February 25, 2015
logo
ON Semiconductor
FAN7382 ONSEMI-FAN7382 Datasheet
377Kb / 16P
   High- and Low-Side Gate Driver
Rev. 1.0.8
logo
International Rectifier
AUIRS2012S IRF-AUIRS2012S_15 Datasheet
464Kb / 11P
   High and low side gate driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com