Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC5-1205SRWZH6SMD Datasheet(PDF) 1 Page - Recom International Power

Part # REC5-1205SRWZH6SMD
Description  5 Watt DIP24 & SMD Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC5-1205SRWZH6SMD Datasheet(HTML) 1 Page - Recom International Power

  REC5-1205SRWZH6SMD Datasheet HTML 1Page - Recom International Power REC5-1205SRWZH6SMD Datasheet HTML 2Page - Recom International Power REC5-1205SRWZH6SMD Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
November 2006
5 Watt
DIP24 & SMD
Single & Dual
Output
ECONOLINE
DC/DC-Converter
REC5-
S_DRW/H4,
H6 Series
UL-60950-1 / CSA C22.2 certified
5W DIP Package
4kVDC & 6kVDC Isolation
Regulated Output
Continuous Short Circuit Protection
Wide Input 2:1 & 4:1
UL94V-0 Package Material
100% Burned In
Efficiency to 86%
Features
Regulated
Converters
Selection Guide
Part
Input
Output
Max. Cap.
Output
Efficiency
Number
Voltage
Voltage
Load
Current
DIP24 (SMD)
(VDC)
(VDC)
(µF)
(mA)
(%)
REC5-xx3.3SRW (H4/H6)
9 - 18, 18 - 36, 36 - 72
3.3
2200
1200
75-77
REC5-xx05SRW (H4/H6)
9 - 18, 18 - 36, 36 - 72
5
1000
1000
79-81
(See Notes)
4.5 - 9
72
REC5-xx09SRW (H4/H6)
9 - 18, 18 - 36, 36 - 72
9
470
556
82-83
(See Notes)
4.5 - 9
73
REC5-xx12SRW (H4/H6)
9 - 18, 18 - 36, 36 - 72
12
220
420
84-85
(See Notes)
4.5 - 9
74
REC5-xx15SRW (H4/H6)
9 - 18, 18 - 36, 36 - 72
15
120
340
85-86
(See Notes)
4.5 - 9
75
REC5-xx05DRW (H4/H6)
9 - 18, 18 - 36, 36 - 72
±5
±470
±500
79-81
(See Notes)
4.5 - 9
72
REC5-xx12DRW (H4/H6)
9 - 18, 18 - 36, 36 - 72
±12
±100
±210
84-85
(See Notes)
4.5 - 9
74
REC5-xx15DRW (H4/H6)
9 - 18, 18 - 36, 36 - 72
±15
±68
±170
85-86
(See Notes)
4.5 - 9
75
REC5-xx3.3SRWZ (H4/H6)
9 - 36**, 18 - 72
3.3
2200
1200
75-76
REC5-xx05SRWZ (H4/H6)
9 - 36**, 18 - 72
5
1000
1000
81-82
REC5-xx09SRWZ (H4/H6)
9 - 36, 18 - 72
9
470
556
82-83
REC5-xx12SRWZ (H4/H6)
9 - 36, 18 - 72
12
220
420
83-84
REC5-xx15SRWZ (H4/H6)
9 - 36, 18 - 72
15
120
340
84-85
REC5-xx05DRWZ (H4/H6)
9 - 36, 18 - 72
±5
±470
±500
81-82
REC5-xx12DRWZ (H4/H6)
9 - 36, 18 - 72
±12
±100
±210
82-83
REC5-xx15DRWZ (H4/H6)
9 - 36, 18 - 72
±15
±68
±170
84-85
2:1 Input (REC5-S/DRWH4/H6)
4:1 Input (REC5-S/DRWZ(H4/H6))
xx = 4.5-9Vin = 05
xx = 9-36Vin = 24
xx = 9-18Vin = 12
xx = 18-72Vin = 48
xx = 18-36Vin = 24
xx = 36-72Vin = 48
For the REC5-05xxS_DRW/H4/H6 series, Load = 90%max. when Vin=4.5VDC.
* add suffix "/H4" for 4kVDC isolation or "/H6" for 6kVDC isolation
* add suffix "/A" or "/C" for Pinning, see next page
* add suffix "/M" for metal case
* add suffix "/SMD" for SMD package
e.g. REC5-xxxxSRWZ/H4/AM = 4kVDC isol. / Pinout "A" / metal case
** 24V 4:1 Wide Range Input Types (REC5-24xxS_DRWZ(/H4/H6)) should be derated Vin= 9 Vin : 3.3Vout /
1100mA max., 5Vout / 900mA max..
If the options "/M" for metal case and "/SMD" for SMD pinout are combined the maximum allowed isolation
voltage is 2kVDC because of the shorter distances between the pins and the metal-case
so the only availa-
ble SMD-option in metal-case is "/H2". DIP-24 through-hole case and SMD-plastic case are not affected
and offer the full isolation barriers of 4kVDC for "/H4" option and 6kVDC for "/H6".
This series offers high isolation of 4kVDC
(= option "/H4") or 6kVDC (= option "/H6")
making it ideal for medical applications and
other sophisticated industrial applications.
Packaging can be either DIP-24 non-conduct-
ive plastic or 5-side-shielded DIP24 metal
case (= option "M") as well as DIP24-SMD
case (= option "SMD").
For all the above variants, 2 industry-standard
pinouts (= option "A" or "C") are available.
Description
Notes :
EN-60950-1 Certified
UL-60950-1 Certified
EN-60601-1 Certified


Similar Part No. - REC5-1205SRWZH6SMD

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC5-1205SRWZ RECOM-REC5-1205SRWZ Datasheet
95Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC5-1205SRWZ RECOM-REC5-1205SRWZ Datasheet
120Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-1205SRWZ/H4 RECOM-REC5-1205SRWZ/H4 Datasheet
104Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
REC5-1205SRWZ/H6 RECOM-REC5-1205SRWZ/H6 Datasheet
104Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
More results

Similar Description - REC5-1205SRWZH6SMD

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC5-053.3SRW RECOM-REC5-053.3SRW Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-XX3.3SRWH RECOM-REC5-XX3.3SRWH Datasheet
134Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-123.3SRW RECOM-REC5-123.3SRW Datasheet
102Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
RP05-1233SA RECOM-RP05-1233SA Datasheet
104Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
RP05-2433SAW RECOM-RP05-2433SAW Datasheet
104Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
RP05-123.3SF RECOM-RP05-123.3SF Datasheet
99Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
REC5-123.3SRWH4 RECOM-REC5-123.3SRWH4 Datasheet
104Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
REC5-053.3SRW-H RECOM-REC5-053.3SRW-H Datasheet
120Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com