Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1442 Datasheet(PDF) 9 Page - Mitsumi Electronics, Corp.

Part # MM1442
Description  CanalCompatible I2C Bus Controlled 4-input 3-output AV Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1442 Datasheet(HTML) 9 Page - Mitsumi Electronics, Corp.

Back Button MM1442 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1442 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1442 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1442 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1442 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM1442 Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM1442 Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM1442 Datasheet HTML 12Page - Mitsumi Electronics, Corp. MM1442 Datasheet HTML 13Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MITSUMI
Canal+Compatible I2C Bus Controlled 4-input 3-output AV Switch MM1422, 1423, 1442, 1443
Item
Symbol
Measurement conditions
Min. Typ. Max. Unit
Data transfer waiting time
tBUF
4.7
µs
SCL start hold time
tHD : STA
4.0
µs
SCL low level hold time
tLOW
4.7
µs
SCL high level hold time
tHIGH
4.0
µs
SCL start setup time
tSU : STA
4.7
µs
SDA data hold time
tHD : DAT
200
ns
SDA data setup time
tSU : DAT
250
ns
SCL rise time
tR
1000
ns
SCL fall time
tF
300
ns
SCL stop setup time
tSU : STO
4.0
µs
SDA
SCL
PS
Sr
P
tBUF
t HD:STA
t HD:DAT
t SU:DAT
t SU:STA
t SU:STO
t HIGH
t LOW
tR
tF
I2C BUS control signal
I2C BUS
SDA
SCL
S1
2
3
4
5
67
8A
1
2
3
7
8
A
P
S : Start Condition
P : Stop Condition
A : Acknowledge
I2C BUS (Inter IC BUS) is an inter bus system developed by Philips Co. It transmits and receives data through
2 (SDA, SCL) lines. Data are transmitted and received in the units of bytes by MSB first from the start
condition.
[Control registers]
Control registers are data sent from the master for determining the switch condition of the MM1422 series.
A
A
P
A
S
Address byte
Control data
Slave address
R/W
10010000
Control Register 1
b7 b6 b5 b4 b3 b2 b1 b0
Control Register 2
b7 b6 b5 b4 b3 b2 b1 b0


Similar Part No. - MM1442

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MM1442 MITSUBISHI-MM1442 Datasheet
312Kb / 13P
   AV Switch for I2C BUS Control, 4-input, 3-output and Canal Plus Compatible
More results

Similar Description - MM1442

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MM1422 MITSUBISHI-MM1422 Datasheet
312Kb / 13P
   AV Switch for I2C BUS Control, 4-input, 3-output and Canal Plus Compatible
logo
Mitsumi Electronics, Co...
MM1492AF MITSUMI-MM1492AF Datasheet
366Kb / 14P
   I2C BUS Controlled 5-Input 2-Output AV Switch
MM1313 MITSUMI-MM1313 Datasheet
312Kb / 12P
   I2C BUS Control 5-Input 2-Output AV Switch
MM1311 MITSUMI-MM1311 Datasheet
268Kb / 11P
   I2C BUS Control 4-Input 1-Output AV Switch Monolithic IC MM1311
MM1495 MITSUMI-MM1495 Datasheet
468Kb / 19P
   I2C BUS Control 5-Input 2-Output AV Switch Monolithic IC
logo
Sony Corporation
CXA2161R SONY-CXA2161R Datasheet
494Kb / 43P
   I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
logo
Mitsubishi Electric Sem...
M52791SP MITSUBISHI-M52791SP Datasheet
121Kb / 10P
   AV SWITCH with I2C BUS CONTROL
M52795SP MITSUBISHI-M52795SP Datasheet
114Kb / 9P
   AV SWITCH with I2C BUS CONTROL
M52797SP MITSUBISHI-M52797SP Datasheet
104Kb / 9P
   AV SWITCH with I2C BUS CONTROL
logo
Renesas Technology Corp
M52791SP RENESAS-M52791SP Datasheet
175Kb / 14P
   AV Switch with I2C Bus Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com