Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3-Y1.8R Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # C3-Y1.8R
Description  Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

C3-Y1.8R Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  C3-Y1.8R Datasheet HTML 1Page - Mitsumi Electronics, Corp. C3-Y1.8R Datasheet HTML 2Page - Mitsumi Electronics, Corp. C3-Y1.8R Datasheet HTML 3Page - Mitsumi Electronics, Corp. C3-Y1.8R Datasheet HTML 4Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MITSUMI
Power Inductors
H
3.8
(0.8)
(0.6)
(1.1)
WINDING START
1.1
4
WIRE IN A SLASH PART IS FORBIDDEN.
Recommended land pattern
dimensions of PWB (5/1)
(General tolerance
±0.1)
H
C3-Y1.2R: 1.2max.
1.5R: 1.5max.
1.8R: 1.8max.
C3-Y Series
4.6
(1)
H
(0.6)
WINDING START
(1.3)
Recommended land pattern
dimensions of PWB (5/1)
(General tolerance
±0.1)
1.3
5
WIRE IN A SLASH PART IS FORBIDDEN.
2-R0.65
H
C4-Y1.2R: 1.2max.
1.5R: 1.5max.
C4-Y Series
DIMENSIONS
Unit : mm
Tolerance : ±0.2
C4-Y1.5R (Height : 1.5mm max.)
DATA LIST (C4-Y1.5R Series)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp
(µH)
Tolerance
Test Freq
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DA
1R0
1.0
±30
1kHz
-
70
2.60
1.75
DB
1R2
1.2
±30
1kHz
-
81
2.20
1.70
DD
1R8
1.8
±30
1kHz
-
95
1.80
1.65
DF
2R7
2.7
±30
1kHz
-
108
1.75
1.60
DG
3R3
3.3
±30
1kHz
-
125
1.65
1.55
DH
3R9
3.9
±30
1kHz
-
138
1.45
1.45
DJ
4R7
4.7
±30
1kHz
-
155
1.25
1.35
DK
5R6
5.6
±30
1kHz
-
170
1.15
1.25
DL
6R8
6.8
±30
1kHz
-
185
1.10
1.15
DM
8R2
8.2
±30
1kHz
-
202
1.05
1.05
EA
100
10
±20
1kHz
-
240
0.85
0.95
EB
120
12
±20
1kHz
-
296
0.82
0.85
EC
150
15
±20
1kHz
-
338
0.70
0.80
ED
180
18
±20
1kHz
-
453
0.65
0.70
EE
220
22
±20
1kHz
-
507
0.58
0.65
EF
270
27
±20
1kHz
-
672
0.50
0.55
EG
330
33
±20
1kHz
-
766
0.45
0.50
EH
390
39
±20
1kHz
-
1043
0.40
0.45
EJ
470
47
±20
1kHz
-
1170
0.38
0.42


Similar Part No. - C3-Y1.8R

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
C3-Y1.8R MITSUMI-C3-Y1.8R Datasheet
96Kb / 5P
   Power Inductors
More results

Similar Description - C3-Y1.8R

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com