Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST3649UR Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # PST3649UR
Description  IC for CMOS System Reset
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST3649UR Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  PST3649UR Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST3649UR Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST3649UR Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST3649UR Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST3649UR Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST3649UR Datasheet HTML 6Page - Mitsumi Electronics, Corp. PST3649UR Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST3649UR Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST3649UR Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MITSUMI
IC for CMOS System Reset PST35XX, 36XX
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Rating
Unit
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-30~+85
°C
Power supply voltage
VDD max.
+12
V
Output voltage
VOUT
VSS+0.3
V
Output current
IOUT
70
mA
Allowable loss
Pd
150
mW
CD Pin Input Voltage
VCD
VSS-0.3~VDD+0.3
V
PST35XX UR/NR
Item
Symbol
Rating
Unit
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-30~+85
°C
Power supply voltage
VDD max.
+12
V
Output voltage
VOUT
VSS-0.3~+12
V
Output current
IOUT
70
mA
Allowable loss
Pd
150
mW
CD Pin Input Voltage
VCD
VSS-0.3~VDD+0.3
V
PST36XX UR/NR
PST35XX UR/NR
Recommended Operating Conditions
Item
Symbol
Rating
Units
Operating temperature
TOPT
-30~+85
°C
Power supply voltage
VDD
+0.70~+10
V
PST36XX UR/NR
Item
Symbol
Rating
Units
Operating temperature
TOPT
-30~+85
°C
Power supply voltage
VDD
+0.70~+10
V
Pin Explanation
Pin No.
Pin Name
Function
1
GND
GND Pin
2
OUT
Reset Signal Output Pin
3
Cd
Capacitor Connect Pin with Delay
4
VDD
VDD Pin / Voltage Detect Pin


Similar Part No. - PST3649UR

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST3120 MITSUMI-PST3120 Datasheet
177Kb / 9P
   CMOS System Reset
PST3120 MITSUMI-PST3120 Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST3121 MITSUMI-PST3121 Datasheet
177Kb / 9P
   CMOS System Reset
PST3121 MITSUMI-PST3121 Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST3122 MITSUMI-PST3122 Datasheet
177Kb / 9P
   CMOS System Reset
More results

Similar Description - PST3649UR

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
IC-PST81XX MITSUMI-IC-PST81XX Datasheet
157Kb / 11P
   IC for CMOS System Reset
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
   CMOS System Reset IC
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
   CMOS System Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com