Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJZ-0905DHP Datasheet(PDF) 3 Page - Recom International Power

Part # RJZ-0905DHP
Description  2 Watt DIP14 Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RJZ-0905DHP Datasheet(HTML) 3 Page - Recom International Power

  RJZ-0905DHP Datasheet HTML 1Page - Recom International Power RJZ-0905DHP Datasheet HTML 2Page - Recom International Power RJZ-0905DHP Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Typical Characteristics
RJZ_RGZ
Series
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2412
1212
0512
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
1215
2415
0515
Deviation / Load
40%
0%
100%
60%
80%
20%
Total Output current (%)
1212
0512
2412
30.000
-5.000
0.000
5.000
10.000
15.000
20.000
25.000
Deviation / Load
40%
0%
100%
60%
80%
20%
Total Output current (%)
2415
0515
1215
30.000
-5.000
0.000
5.000
10.000
15.000
20.000
25.000
RGZ-xx12D
RGZ-xx15D
Package Style and Pinning (mm)
3.25
7.10
15.24
2.0
Bottom View
7.70
10.00
ø 0.51 typ.
Top View
Dual Output
Single Output
RECOM
RJZ-0505S
****
98
10
14
17
2.54
1.00ø+0.15/–0
2.54
19.90
RECOM
RGZ-0505D
****
3rd angle
projection
Recommended Footprint Details
14 PIN DIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
RJZ
RGZ
1
–Vin
–Vin
7NC
NC
8
+Vout
+Vout
9
No Pin
Com
10
–Vout
–Vout
14
+Vin
+Vin
NC = No Connection
July-2006
81
www.recom-international.com


Similar Part No. - RJZ-0905DHP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RJZ-RGZ RECOM-RJZ-RGZ Datasheet
129Kb / 3P
   Optional Continuous Short Circuit Protected
RJZ-xx05S* RECOM-RJZ-xx05S* Datasheet
129Kb / 3P
   2W Single and Dual Outputs in DIP 14
RJZ-xx09S* RECOM-RJZ-xx09S* Datasheet
129Kb / 3P
   2W Single and Dual Outputs in DIP 14
RJZ-xx12S* RECOM-RJZ-xx12S* Datasheet
129Kb / 3P
   2W Single and Dual Outputs in DIP 14
RJZ-xx15S* RECOM-RJZ-xx15S* Datasheet
129Kb / 3P
   2W Single and Dual Outputs in DIP 14
More results

Similar Description - RJZ-0905DHP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RD-123.3D RECOM-RD-123.3D Datasheet
100Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RD-053.3D RECOM-RD-053.3D_06 Datasheet
96Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RJ-1.81.8S RECOM-RJ-1.81.8S_06 Datasheet
109Kb / 3P
   1 Watt DIP14 Single & Dual Output
RY-1205S RECOM-RY-1205S Datasheet
104Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RB-1.81.8S RECOM-RB-1.81.8S_06 Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
RK-1.81.8S RECOM-RK-1.81.8S_06 Datasheet
111Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505S RECOM-RY-0505S_06 Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RA-XX1.8S RECOM-RA-XX1.8S Datasheet
94Kb / 2P
   RA Series 1 Watt DIP14 (Single & Dual Output)
RSH3 RECOM-RSH3 Datasheet
915Kb / 6P
   3 Watt SMD DIP14 Single and Dual
REV.: 0/2022
RTS RECOM-RTS_10 Datasheet
157Kb / 4P
   2 Watt SMD Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com