Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS6X1220RD Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FS6X1220RD
Description  Fairchild Power Switch (FPS)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FS6X1220RD Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FS6X1220RD Datasheet HTML 6Page - Fairchild Semiconductor FS6X1220RD Datasheet HTML 7Page - Fairchild Semiconductor FS6X1220RD Datasheet HTML 8Page - Fairchild Semiconductor FS6X1220RD Datasheet HTML 9Page - Fairchild Semiconductor FS6X1220RD Datasheet HTML 10Page - Fairchild Semiconductor FS6X1220RD Datasheet HTML 11Page - Fairchild Semiconductor FS6X1220RD Datasheet HTML 12Page - Fairchild Semiconductor FS6X1220RD Datasheet HTML 13Page - Fairchild Semiconductor FS6X1220RD Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FS6X1220R
10
Typical Application Circuit
1. Application circuit for DC-DC converter (Flyback)
2. Transformer Schematic Diagram
2A
C102
10nF
+
C202
330uF/16V
T1: EPC19
6
9
2
1
3
4
R201
1K
D201
IC301
H11A817A
C101
47uF/100V
R204
15K
R105
10
R106
3.9k
R202
1k
Sleep
On/Off
signal
C103
10nF
IC101
FS6X1220RT
4
3
2
1
5
Vfb
Vcc
GND
Drain
L&S
C105
47nF/50V
R205
3.9K
R103
120K
D101
UF4004
+
C201
330uF/16V
C203
10nF
IC201
KA431
R102
18k
R101
200k
+
C104
22uF/50V
12V
R203
33k
IC102
KSC945
DC INPUT
VOLTAGE:
36~72V
D102
UF4004
R104
10K
L201
1
2


Similar Part No. - FS6X1220RD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FS6X1220RD FAIRCHILD-FS6X1220RD Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
More results

Similar Description - FS6X1220RD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com