Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS6X1220R Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FS6X1220R
Description  Fairchild Power Switch (FPS)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FS6X1220R Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FS6X1220R_05 Datasheet HTML 1Page - Fairchild Semiconductor FS6X1220R_05 Datasheet HTML 2Page - Fairchild Semiconductor FS6X1220R_05 Datasheet HTML 3Page - Fairchild Semiconductor FS6X1220R_05 Datasheet HTML 4Page - Fairchild Semiconductor FS6X1220R_05 Datasheet HTML 5Page - Fairchild Semiconductor FS6X1220R_05 Datasheet HTML 6Page - Fairchild Semiconductor FS6X1220R_05 Datasheet HTML 7Page - Fairchild Semiconductor FS6X1220R_05 Datasheet HTML 8Page - Fairchild Semiconductor FS6X1220R_05 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
FS6X1220R
5
Electrical Characteristics (Continued)
(Ta=25
°C unless otherwise specified)
Note:
1. These parameters, although guaranteed at the design, are not tested in mass production.
2. These parameter indicates inductor current.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
UVLO SECTION
Start Threshold Voltage
VSTART
VFB = GND
14
15
16
V
Stop Threshold Voltage
VSTOP
VFB = GND
8
9
10
V
OSCILLATOR SECTION
Initial Frequency
FOSC
-
270
300
330
kHz
Voltage Stability
FSTABLE 12V ≤ VCC ≤ 23V
0
1
3
%
Temperature Stability (1)
∆FOSC
-25
°C ≤ Ta ≤ 85°C0
±5±10
%
Maximum Duty Cycle
DMAX
-72
80
88
%
Minimum Duty Cycle
DMIN
--
-
0
%
FEEDBACK SECTION
Feedback Source Current
IFB
VFB = GND
0.7
0.9
1.1
mA
Shutdown Feedback Voltage
VSD
VFB ≥ 6.9V
6.9
7.5
8.1
V
Shutdown Delay Current
IDELAY
VFB = 5V
4.0
5.0
6.0
µA
LINE SENSE SECTION
Line UVLO Threshold Voltage
VLU
-
2.4
2.55
2.7
V
Sleep On/Off Threshold Voltage
VSL
-1.5
1.8
2.1
V
CURRENT LIMIT(SELF-PROTECTION)SECTION
Peak Current Limit (2)
IOVER
-
2.82
3.2
3.58
A
PROTECTION SECTION
Thermal Shutdown Temp (1)
TSD
-
140
160
-
°C
Over Voltage Protection
VOVP
Vcc
≥6.9V
23
25
27
V
TOTAL DEVICE SECTION
Start Up Current
ISTART
VFB = GND, VCC = 14V
-
60
120
uA
Sleep Mode Current
ISLEEP
VUVLO = 1V, VCC = 16V
-
300
500
uA
Operating Supply Current
IOP
VFB = GND, VCC = 16V
-10
15
mA
IOP(MIN) VFB = GND, VCC = 12V
IOP(MAX) VFB = GND, VCC = 20V


Similar Part No. - FS6X1220R_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FS6X1220RD FAIRCHILD-FS6X1220RD Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6X1220RJ FAIRCHILD-FS6X1220RJ Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
FS6X1220RJX FAIRCHILD-FS6X1220RJX Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
FS6X1220RTTU FAIRCHILD-FS6X1220RTTU Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6X1220RTYDTU FAIRCHILD-FS6X1220RTYDTU Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
More results

Similar Description - FS6X1220R_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com