Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSO-0512SH2 Datasheet(PDF) 3 Page - Recom International Power

Part # RSO-0512SH2
Description  1 Watt SIP8 Isolated Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSO-0512SH2 Datasheet(HTML) 3 Page - Recom International Power

  RSO-0512SH2 Datasheet HTML 1Page - Recom International Power RSO-0512SH2 Datasheet HTML 2Page - Recom International Power RSO-0512SH2 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
52
www.recom-international.com
January-2007
3rd angle
projection
8 PIN SIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin 3 (CTRL)
This pin provides an Off function which puts the converter into a low power mode. When the pin is ‘high’ the
converter is OFF and when the pin is high ‘Z’ the converter is ON. There is no allowed low state for this pin. Voltage
to be applied via a limiting resistor with a recommended value of 1K for RSO-05xx; 3.3K for RSO-12xx; RSO-24xx
and 10K for RSO-48xx.
Pin 5 (NC)
This pin is used internally and must have no external connection.
Pin 8 (NC*)
No external connection allowed.
Control Pin Input Current:
10mA
Voltage Set Point Accuracy
with external input/output
capacitors refer to
typ. ± 1%
recommended test circuit:
max. ±2%
Control Pin (CTRL) Input
Current, control voltage
applied via 1K resistor,
output voltage must
typ. 3mA
reduce to 0V:
max. 6mA
DC/DC
Converter
Cout
-Vin
0V
+Vout
1
7
6
+Vin
Lin
2
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
RSO
Series
Lin
RS0- types
4.7µH ~ 100µH
Cout
RS0- types
22µF ~ 100µF/25V
use low ESR capacitor Cout and input inductor Lin
to reduce output ripple and input inrush current.
12
5
36 7 8
3.20
0.32
2.0
9.20
21.80
RECOM
RSO- xxxx
****
12
5
36 7 8
0.50±0.05
3.80
0.50±0.05
11.10
RECOM
RSO- xxxx
****
RECOM
RSO- xxxxD
****
2.54
2.54
1.0ø+0.15/–0
Top View
Bottom View
Single Output
Dual Output
Recommended Footprint Details
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
3
CTRL
CTRL
5NC
NC
6
+Vout
+Vout
7
–Vout
Com
8
NC*
–Vout
NC = No Connection
NC* = NC, but no external Connection allowed.


Similar Part No. - RSO-0512SH2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSO-0512 RECOM-RSO-0512 Datasheet
108Kb / 2P
   ECONOLING - DC/DC - CONVERTER
RSO-0512/H2 RECOM-RSO-0512/H2 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-0512/H3 RECOM-RSO-0512/H3 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-0512D/H2 RECOM-RSO-0512D/H2 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-0512D/H3 RECOM-RSO-0512D/H3 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
More results

Similar Description - RSO-0512SH2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSO RECOM-RSO_10 Datasheet
121Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-053.3 RECOM-RSO-053.3 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-2405SZ RECOM-RSO-2405SZ Datasheet
124Kb / 3P
   1 Watt SIP8 Isolated Single Dual Output
RS-053.3 RECOM-RS-053.3 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
RS-053.3S RECOM-RS-053.3S Datasheet
93Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
RS3-053.3S RECOM-RS3-053.3S Datasheet
82Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
RS3 RECOM-RS3_10 Datasheet
120Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
logo
List of Unclassifed Man...
RS-2405SZ ETC2-RS-2405SZ Datasheet
116Kb / 3P
   2 Watt SIP8 Isolated Single Dual Output
logo
Recom International Pow...
RSOK-Z RECOM-RSOK-Z Datasheet
1Mb / 4P
   1 Watt SIP8 Single Output
REV.: 0/2023
REM2 RECOM-REM2 Datasheet
700Kb / 7P
   2 Watt SIP8 Single and Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com