Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST9220 Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # PST9220
Description  IC for System Reset Monolithic IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST9220 Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  PST9220 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST9220 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST9220 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST9220 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST9220 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST9220 Datasheet HTML 6Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MITSUMI
IC for System Reset PST92XX
MITSUMI
Item
Symbol
Measurement
Measurement conditions
Min.
Typ.
Max.
Unit
circuit
VCC1=L
H
L, RL=4.7k
Hysteresis voltage
Vs
1
S1 : ON
25
50
100
mV
Detecting voltage
RL=4.7k, Ta=-20~+75°C
temperature coefficient
Vs/
T
1
S1 : ON
±0.01
%/°C
Low level output voltage
VOL
1
VCC1=VS min. -0.05V
0.1
0.4
V
RL=4.7k S1 : ON
Output Leak current
IOH
1VCC1=VCC2=10V S2 : ON
±0.1
µA
Circuit current at ON time
ICCL
1VCC1=VS min. -0.05V RL=
5.0
9.0
µA
Circuit current at OFF time
ICCH
1VCC1=VS typ./0.85 RL=
3.0
5.0
µA
"H" transmission
TPLH
2
RL=4.7k, CL=100pF
(*3)
ms
delay time
Cd=0.01µF *1
"L" transmission
TPHL
2
RL=4.7k, CL=100pF
(*3)
µs
delay time
Cd=0.01µF *2
Threshold operating voltage
VOPL
1RL=4.7k VOL <
= 0.4V S1 : ON
0.65
0.85
V
Output current
IOL11
VCC1=VS min. -0.05V
5mA
at ON time 1
VCC2=0.4V S2 : ON
Output current
IOL21
VCC1=VS min. -0.05V
3mA
at ON time 2
Ta=-20~+75°C S2 : ON
NOTE 1: TPLH : VCC=(VS typ. -0.4V)
(VS typ. +0.4V)
NOTE 2 : TPLH : VCC=(VS typ. +0.4V)
(VS typ. -0.4V)
NOTE 3 : Tables of PST92
series transmission delay time (Please see below.)
TPLH
TPHL
PST9246
195
140
PST9245
190
140
PST9244
185
140
PST9243
180
140
PST9242
175
140
PST9241
170
140
PST9240
165
140
PST9239
160
140
PST9238
155
120
PST9237
150
120
PST9236
145
120
PST9235
140
120
PST9234
135
120
PST9233
130
120
PST9232
125
120
PST9231
120
120
PST9230
115
120
PST9229
110
120
PST9228
105
100
PST9227
100
100
PST9226
95
100
PST9225
90
100
PST9224
85
100
PST9223
80
100
PST9222
75
100
PST9221
70
100
PST9220
65
100
PST9219
60
100


Similar Part No. - PST9220

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST9220 MITSUMI-PST9220 Datasheet
135Kb / 6P
   System Reset
More results

Similar Description - PST9220

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
   IC for System Reset Monolithic IC
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
   SYSTEM RESET Monolithic IC
PST611 MITSUMI-PST611 Datasheet
118Kb / 5P
   System Reset Monolithic IC PST611
PST575 MITSUMI-PST575 Datasheet
139Kb / 6P
   System Reset Monolithic IC PST575
MM1482 MITSUMI-MM1482 Datasheet
69Kb / 6P
   IC for RegulatorReset Monolithic IC
PST7046 MITSUMI-PST7046 Datasheet
47Kb / 3P
   System Reset Monolithic IC PST70XX Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com