Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST9225 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # PST9225
Description  IC for System Reset Monolithic IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST9225 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  PST9225 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST9225 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST9225 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST9225 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST9225 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST9225 Datasheet HTML 6Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MITSUMI
IC for System Reset PST92XX
Absolute Maximum Ratings
MITSUMI
Pin Description
Recommended Operating Conditions
Pin No.
Pin name
Functions
1
TC
TPLH control pin
2
SUB
Substrate pin*1
3
GND
GND pin
4
VOUT
Reset signal output pin
5
VCC
VCC pin/voltage detect pin
Note 1 : Connect to GND.
Item
Symbol
Ratings
Unit
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+175
°C
Supply voltage
VCC max.
-0.3~+110
V
Allowable loss
Pd
150
mW
Item
Symbol
Ratings
Unit
Operating temperature
TOPR
-20~+75
°C
Supply voltage
VCC
-0.3~+10
V
Electrical Characteristics (Ta=25°C) (Except where noted otherwise, resistance unit is Ω)
Item
Symbol
Measurement
Measurement conditions
Min.
Typ.
Max.
Unit
circuit
PST9246 4.531
4.600
4.669
PST9245 4.432
4.500
4.568
PST9244 4.334
4.400
4.466
PST9243 4.235
4.300
4.365
PST9242 4.137
4.200
4.263
PST9241 4.038
4.100
4.162
PST9240 3.940
4.000
4.060
PST9239 3.841
3.900
3.959
PST9238 3.743
3.800
3.857
PST9237 3.644
3.700
3.756
PST9236 3.546
3.600
3.654
PST9235 3.447
3.500
3.553
VCC=H
L
PST9234 3.349
3.400
3.451
Detecting voltage
VS
1RL=4.7k
PST9233 3.250
3.300
3.350
V
VOL <
= 0.4V
PST9232 3.152
3.200
3.248
PST9231 3.053
3.100
3.147
PST9230 2.955
3.000
3.045
PST9229 2.856
2.900
2.944
PST9228 2.758
2.800
2.842
PST9227 2.659
2.700
2.741
PST9226 2.561
2.600
2.639
PST9225 2.462
2.500
2.538
PST9224 2.364
2.400
2.436
PST9223 2.265
2.300
2.335
PST9222 2.167
2.200
2.233
PST9221 2.068
2.100
2.132
PST9220 1.970
2.000
2.030
PST9219 1.871
1.900
1.929


Similar Part No. - PST9225

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST9225 MITSUMI-PST9225 Datasheet
135Kb / 6P
   System Reset
More results

Similar Description - PST9225

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
   IC for System Reset Monolithic IC
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
   SYSTEM RESET Monolithic IC
PST611 MITSUMI-PST611 Datasheet
118Kb / 5P
   System Reset Monolithic IC PST611
PST575 MITSUMI-PST575 Datasheet
139Kb / 6P
   System Reset Monolithic IC PST575
MM1482 MITSUMI-MM1482 Datasheet
69Kb / 6P
   IC for RegulatorReset Monolithic IC
PST7046 MITSUMI-PST7046 Datasheet
47Kb / 3P
   System Reset Monolithic IC PST70XX Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com