Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO-0909SHP Datasheet(PDF) 1 Page - Recom International Power

Part # RO-0909SHP
Description  1 Watt SIP4 & SIP7 Single Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RO-0909SHP Datasheet(HTML) 1 Page - Recom International Power

  RO-0909SHP Datasheet HTML 1Page - Recom International Power RO-0909SHP Datasheet HTML 2Page - Recom International Power RO-0909SHP Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
16
www.recom-international.com
July-2006
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP 4
SIP 7
(2kV)
(VDC)
(VDC)
(mA)
(%)
RO-xx1.8S
RE-xx1.8S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
1.8
555
70
RO-xx3.3S
RE-xx3.3S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
3.3
303
75
RO-xx05S
RE-xx05S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
5
200
70-78
RO-xx09S
RE-xx09S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
9
111
76-78
RO-xx12S
RE-xx12S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
12
83
78-80
RO-xx15S
RE-xx15S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
15
66
80-84
RO-xx24S
RE-xx24S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
24
42
74-85
xx = Input Voltage
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
RO-051.8S/P, RO-051.8S/HP
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
Specifications (Core Operating Area)
1 Watt
SIP4 & SIP7
Single Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RO & RE
Series
Industry Standard Pinout
1kVDC & 2kVDC Isolation
UL94V-0 Package Material
Optional Continuous Short Circuit Protected
Fully Encapsulated
Custom Solutions Available
Efficiency to 85%
Features
Unregulated
Converters
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
1.8V, 3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
100mVp-p max.
Operating Frequency
50kHz min. / 100kHz typ. / 105kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
101mW min. / 126mW typ. / 220mW max.
Isolation Voltage
(tested for 1 second)
1000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Voltage
H-Suffix
(tested for 1 second)
2000VDC min.
Rated Working Voltage
H-Suffix
(long term isolation)
see Application Notes
Isolation Capacitance
20pF min. / 75pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
RO types
1.4g
RE types
2.2g
MTBF (+25°C)
using MIL-HDBK 217F RO types
985 x 10
3 hours
RE types
992 x 10
3 hours
(+85°C)
using MIL-HDBK 217F RO types
200 x 10
3 hours
RE types
145 x 10
3 hours
}DetailedInformationsee
Application Notes chapter "MTBF"


Similar Part No. - RO-0909SHP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RO-0909S RECOM-RO-0909S Datasheet
101Kb / 3P
   1 Watt SIP4 & SIP7 Single Output
RO-0909SP RECOM-RO-0909SP Datasheet
101Kb / 3P
   1 Watt SIP4 & SIP7 Single Output
More results

Similar Description - RO-0909SHP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RO-1.81.8S RECOM-RO-1.81.8S Datasheet
101Kb / 3P
   1 Watt SIP4 & SIP7 Single Output
RO RECOM-RO_10 Datasheet
97Kb / 2P
   1 Watt SIP4 Single Output
RFM RECOM-RFM Datasheet
444Kb / 4P
   1 Watt SIP4 Single Output
RO-3.305S-E RECOM-RO-3.305S-E Datasheet
90Kb / 2P
   1 Watt SIP4 Single Output
RB-3.305S-E RECOM-RB-3.305S-E Datasheet
84Kb / 2P
   1 Watt SIP7 Single Output
ROE-3.305S RECOM-ROE-3.305S Datasheet
300Kb / 4P
   1 Watt SIP4 Single Output
REE-0505S RECOM-REE-0505S_15 Datasheet
83Kb / 2P
   1 Watt SIP7 Single Output
RFB RECOM-RFB Datasheet
381Kb / 4P
   1 Watt SIP7 Single Output
RFMM RECOM-RFMM Datasheet
442Kb / 4P
   1 Watt SIP7 Single Output
RKK RECOM-RKK Datasheet
618Kb / 4P
   1 Watt SIP7 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com