Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP30-4805SEWN Datasheet(PDF) 3 Page - Recom International Power

Part # RP30-4805SEWN
Description  30 Watt Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP30-4805SEWN Datasheet(HTML) 3 Page - Recom International Power

  RP30-4805SEWN Datasheet HTML 1Page - Recom International Power RP30-4805SEWN Datasheet HTML 2Page - Recom International Power RP30-4805SEWN Datasheet HTML 3Page - Recom International Power RP30-4805SEWN Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE
DC/DC-Converter
RP30-S_DEW
Series
Output Voltage Accuracy (full Load and nominal Vin)
±1%
Voltage Adjustability
±10%
Minimum Load
Single
0%
Dual
10% of full load
Line Regulation (low line, high line at full load)
±0.5%
Load Regulation (25% to 100% full load)
Single
±0.5%
Dual
±1%
Cross Regulation (see Note 9)
±5%
Ripple and Noise (20MHz bandwith)
Single 1.5, 1.8, 2.5, 3.3V
60mVp-p
(Measured with a 1004pF/50V MLCC)
Single 5V
75mVp-p
Single 12, 15V
100mVp-p
Dual 5, 12, 15V
100mVp-p
Temperature Coefficient
±0.02%/°C max.
Transient Response (25% load step change)
300µs
Over Voltage Protection
1.5, 1.8, 2.5, 3.3V
3.9V
Zener diode clamp (only single)
5V
6.2V
12V
15V
15V
18V
Over Load Protection (% of full load at nominal Vin)
150% typ
Short Circuit Protection
Hiccup, automatic recovery
Efficiency
see „Selection Guide“ table
Isolation Voltage
1600VDC min.
Isolation Resistance
1 G
Ω min.
Isolation Capacitance
1000pF max.
Operating Frequency
300kHz typ.
Approved to Safety Standards
EN60950
Operating Temperature Range
-40°C to +85°C(with derating)
Maximum Case Temperature
+100°C
Storage Temperature Range
-55°C to +105°C
Over Temperature Protection
115°C typ.
Thermal Impedance
Natural convection
10°C/Watt
(see Note 8)
Natural convection with Heat Sink
8.24°C/Watt
Thermal Shock
MIL-STD-810D
Vibration
10-55Hz, 2G, 30 Min. along X, Y and Z
Relative Humidity
5% to 95% RH
Case Material
Nickel plated copper
Base Material
Non-conductive black plastic
Potting Material
Epoxy (UL94-V0)
Conducted Emissions (see Note 10)
EN55022
Class A
Radiated Emissions
EN55022
Class A
ESD
EN61000-4-2
Perf. Criteria 2
Radiated Immunity
EN61000-4-3
Perf. Criteria 2
Fast Transient
EN61000-4-4
Perf. Criteria 2
Surge
EN61000-4-5
Perf. Criteria 2
Conducted Immunity
EN61000-4-6
Perf. Criteria 2
continued on next page
July-2006
www.recom-international.com
268


Similar Part No. - RP30-4805SEWN

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-4805SEW RECOM-RP30-4805SEW Datasheet
273Kb / 3P
   POWERLINE - DC/DC - CONVERTER
RP30-4805SEW RECOM-RP30-4805SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RP30-4805SEW RECOM-RP30-4805SEW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
More results

Similar Description - RP30-4805SEWN

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
   30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com