Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP100-4805SB Datasheet(PDF) 3 Page - Recom International Power

Part # RP100-4805SB
Description  100 Watt Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP100-4805SB Datasheet(HTML) 3 Page - Recom International Power

  RP100-4805SB Datasheet HTML 1Page - Recom International Power RP100-4805SB Datasheet HTML 2Page - Recom International Power RP100-4805SB Datasheet HTML 3Page - Recom International Power RP100-4805SB Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ESD
EN61000-4-2
Perf. Criteria2
Radiated Immunity
EN61000-4-3
Perf. Criteria2
Fast Transient
EN61000-4-4
Perf. Criteria2
Surge
EN61000-4-5
Perf. Criteria2
Conducted Immunity
EN61000-4-6
Perf. Criteria2
Case Material
Open with Aluminium base plate
Weight
42g
MTBF Bellcore TR-NWT-000332, Tc=40°C, Io=80% max.
2500 x 10
3
hours
RP100-SB
Series
Specifications (refer to the standard application circuit, Ta: 25°C)
INNOLINE
DC/DC-Converter
Characteristics
120
80
60
40
0
100
Ambient Temperature Range (°C)
-40
-20
0
50 60 70 80 90 100
Forced Convection
-30
40
1 2 3
-10
10 20 30
20
4
1=200LFM, 2=300LFM, 3=400LFM, 4=500LFM
Input Without Heatsink
RP100-4805SB
95
92
90
87
85
94
Output Current, Iout (A)
36
60 64 68
75
40 44
52
86
93
91
89
88
48
56
72
Efficiency Input Voltage
RP100-4805SB
Efficiency Output Current Iout
RP100-4805SB
120
80
60
40
0
100
Ambient Temperature Range (°C)
-40
-20
0
50 60 70 80 90 100
Forced Convection
-30
40
1 2 3
-10
10 20 30
20
4
1=200LFM, 2=300LFM, 3=400LFM, 4=500LFM
Input With Heatsink (7G-0022)
RP100-4805SB
95
80
70
60
50
90
Output Current, Iout (A)
2
14
16 18 20
4
12
8
610
55
85
75
65
75Vin
48Vin
36Vin
July-2006
203
www.recom-international.com


Similar Part No. - RP100-4805SB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP100-4805S RECOM-RP100-4805S Datasheet
107Kb / 6P
   100 Watt Isolated Single & Dual Output
RP100-4805S RECOM-RP100-4805S Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
RP100-4805SN RECOM-RP100-4805SN Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
RP100-4805SP RECOM-RP100-4805SP Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
More results

Similar Description - RP100-4805SB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACG100-S RECOM-RACG100-S Datasheet
453Kb / 4P
   100 Watt Single Output
RACD100-A RECOM-RACD100-A Datasheet
114Kb / 2P
   100 Watt Single Output
RACD100-PSE RECOM-RACD100-PSE Datasheet
100Kb / 2P
   100 Watt Single Output
RPA100H-RUW RECOM-RPA100H-RUW_18 Datasheet
2Mb / 11P
   100 Watt Half Brick Single Output
RP100-481.8S RECOM-RP100-481.8S_06 Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
RP100-481.8S RECOM-RP100-481.8S Datasheet
107Kb / 6P
   100 Watt Isolated Single & Dual Output
RPA100H-RUW RECOM-RPA100H-RUW Datasheet
811Kb / 10P
   100 Watt Half Brick Single Output
logo
CINCON ELECTRONICS Corp...
CFM40C CINCON-CFM40C Datasheet
266Kb / 2P
   40/60/100 Watt Single Output
logo
Artesyn Technologies
LCB100D ARTESYN-LCB100D Datasheet
483Kb / 3P
   100 Watt Single Output Power Supply
logo
Recom International Pow...
RACM100-S RECOM-RACM100-S Datasheet
405Kb / 5P
   100 Watt Enclosed Case Style Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com