Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP125-481.8SB Datasheet(PDF) 4 Page - Recom International Power

Part # RP125-481.8SB
Description  125 Watt Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP125-481.8SB Datasheet(HTML) 4 Page - Recom International Power

  RP125-481.8SB Datasheet HTML 1Page - Recom International Power RP125-481.8SB Datasheet HTML 2Page - Recom International Power RP125-481.8SB Datasheet HTML 3Page - Recom International Power RP125-481.8SB Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Trim Up
RU
Trim Down
RD
8
7
7
6
External Output Trimming
Output can be externally trimmed by using the method
shown below.
Package Style and Pinning (mm)
RP125-SB
Series
INNOLINE
DC/DC-Converter
3rd angle
projection
36.83
57.90
Bottom View
1.57
26.16
15.24
7.62
3
2
8
7
6
12.70
5.08
50.8
Side View
15.24
4xM3 x 0.5 ( Note 6)
47.24
1.016
5.33
5.33
3.55
3.55
4
1
5
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin pitch tolerance 0.35mm
Pin Connections
Pin #
Function
1
–Vin
2
Remote ON/OFF
3
+Vin
4
–Vout
5
–Vsense
6Trim
7
+Vsense
8
+Vout
Trim Resistor Calculation:
Rup (k
Ω) = 5.1Vout (100+∆%) - 510 -10.2
1.225
∆%
∆%
Rdn (k
Ω) = 510 -10.2
∆%
July-2006
www.recom-international.com
208


Similar Part No. - RP125-481.8SB

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
RP12 SYSTEMSENSOR-RP12 Datasheet
101Kb / 4P
   ADA Strobe Retrofit Plate
logo
Vishay Siliconix
RP12 VISHAY-RP12 Datasheet
109Kb / 4P
   Analog Linear Displacement Sensor
Revision: 25-Jan-18
RP12 VISHAY-RP12 Datasheet
76Kb / 3P
   Multi-Turn Potentiometer from 5 Turns to 200 Turns (More on Request)
01-Jan-2022
RP12 VISHAY-RP12 Datasheet
131Kb / 4P
   Analog Linear Displacement Sensor
01-Jan-2022
logo
Recom International Pow...
RP12-11005SAR RECOM-RP12-11005SAR Datasheet
816Kb / 8P
   12 Watt 1 x 1 Single and Dual Output
More results

Similar Description - RP125-481.8SB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC10-SB RECOM-RAC10-SB Datasheet
95Kb / 2P
   10 Watt Single Output
RAC03-SE-277 RECOM-RAC03-SE-277 Datasheet
419Kb / 4P
   3 Watt Single Output
RP50-241.8S RECOM-RP50-241.8S_06 Datasheet
80Kb / 4P
   50 Watt Single Output
RP100-481.8SB RECOM-RP100-481.8SB Datasheet
96Kb / 4P
   100 Watt Single Output
REC40-481.8SRW RECOM-REC40-481.8SRW Datasheet
75Kb / 2P
   40 Watt Single Output
RAC60-05SA RECOM-RAC60-05SA Datasheet
76Kb / 2P
   60 Watt Single Output
R12-100A RECOM-R12-100A Datasheet
80Kb / 3P
   5 Watt Single Output
RAC03-3.3SC RECOM-RAC03-3.3SC Datasheet
101Kb / 2P
   3 Watt Single Output
RAC60-24SB RECOM-RAC60-24SB Datasheet
98Kb / 2P
   60 Watt Single Output
logo
Wall Industries,Inc.
CMMDW WALL-CMMDW Datasheet
279Kb / 3P
   20 Watt Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com