Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBL22041 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # FBL22041
Description  3.3V BTL 7-bit Futurebus transceiver standard A-port
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FBL22041 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button FBL22041 Datasheet HTML 6Page - NXP Semiconductors FBL22041 Datasheet HTML 7Page - NXP Semiconductors FBL22041 Datasheet HTML 8Page - NXP Semiconductors FBL22041 Datasheet HTML 9Page - NXP Semiconductors FBL22041 Datasheet HTML 10Page - NXP Semiconductors FBL22041 Datasheet HTML 11Page - NXP Semiconductors FBL22041 Datasheet HTML 12Page - NXP Semiconductors FBL22041 Datasheet HTML 13Page - NXP Semiconductors FBL22041 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Philips Semiconductors
Product specification
FBL22041
3.3V BTL 7-bit Futurebus+ transceiver (standard A-port)
1998 Aug 12
11
TEST CIRCUIT AND WAVEFORMS
2.5ns
2.5ns
500ns
500ns
INPUT PULSE REQUIREMENTS
Rep. Rate
Amplitude
tTLH
tTHL
1MHz
3.0V
2.5ns
Input Pulse Definitions
VM = 1.55V for Bn, VM = 1.5V for all others.
VCC
Family
FB+
D.U.T.
PULSE
GENERATOR
6.0V
RL
RL
CL
RT
VIN
VOUT
Test Circuit for 3-State Outputs on A Port
TEST
SWITCH
SWITCH POSITION FOR ALL A-PORTS
tPLH, tPHL
OPEN
DEFINITIONS:
RL = Load Resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance; see AC
CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of pulse generators.
CD = Load capacitance includes jig and probe capacitance; see AC
CHARACTERISTICS for value.
RU = Pull up resistor; see AC CHARACTERISTICS for value.
tW
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
LOW V
LOW V
tTHL (tf)
tTLH (tr)
tW
BIAS
V
tW
Low V
0.0V
tTLH (tr)
tTHL (tf)
A Port
1MHz
2.0V
2.5ns
1.0V
B Port
VCC
D.U.T.
PULSE
GENERATOR
RU
CD
RT
VIN
VOUT
Test Circuit for Outputs on B Port
BIAS
V
2.0V (for RU = 9 Ω)
2.1V (for RU = 16.5 Ω)
VIN
VIN
SG00090
tPLZ, tPZL
CLOSED
tPHZ, tPZH
GND


Similar Part No. - FBL22041

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL22040 PHILIPS-FBL22040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
FBL22040BB PHILIPS-FBL22040BB Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
More results

Similar Description - FBL22041

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL2041 PHILIPS-FBL2041 Datasheet
94Kb / 12P
   3.3V BTL 7-bit Futurebus transceiver standard A-port
1999 Apr 27
FB2041 PHILIPS-FB2041 Datasheet
148Kb / 14P
   7-bit Futurebus transceiver
1995 May 25
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
FBL22033 PHILIPS-FBL22033 Datasheet
147Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1999 Apr 15
FBL22031 PHILIPS-FBL22031 Datasheet
168Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
logo
Texas Instruments
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
logo
NXP Semiconductors
FB2040A PHILIPS-FB2040A Datasheet
414Kb / 12P
   8-bit Futurebus transceiver
1995 May 25
FBL2040 PHILIPS-FBL2040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
FBL22040 PHILIPS-FBL22040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
logo
Texas Instruments
SN75ALS053 TI1-SN75ALS053 Datasheet
274Kb / 11P
[Old version datasheet]   QUADRUPLE FUTUREBUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com