Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP20-1212SFN Datasheet(PDF) 3 Page - Recom International Power

Part # RP20-1212SFN
Description  20 Watt 2??x 1??Package Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-1212SFN Datasheet(HTML) 3 Page - Recom International Power

  RP20-1212SFN Datasheet HTML 1Page - Recom International Power RP20-1212SFN Datasheet HTML 2Page - Recom International Power RP20-1212SFN Datasheet HTML 3Page - Recom International Power RP20-1212SFN Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE
DC/DC-Converter
RP20-S_DF
Series
Minimum Load (see Note 1)
Single
0%
Dual
10% of full load
Line Regulation (low line, high line at full load)
±0.2%
Load Regulation (25% to 100% full load)
±0.5%
Cross Regulation (asymmetrical load 25%/100% full load)
Dual
±5%
Ripple and Noise (20MHz bandwith)
Single 1.5, 1.8, 2.5, 3.3V
60mVp-p
(Measured with a 1004pF/50V MLCC)
Single 5, 12, 15V
75mVp-p
Dual 5, 12, 15V
100mVp-p
Temperature Coefficient
±0.02%/°C max.
Transient Response (25% load step change)
500µs
Over Voltage Protection
1.5, 1.8, 2.5, 3.3V
3.9V
Zener diode clamp (only single)
5V
6.2V
12V
15V
15V
18V
Over Load Protection (% of full load at nominal Vin)
150% typ
Short Circuit Protection
Hiccup, automatic recovery
Efficiency
see „Selection Guide“ table
Isolation Voltage
Input to Output
1600VDC min.
Input (Output) to case
1600VDC min.
Isolation Resistance
1 G
Ω min.
Isolation Capacitance
1000pF max.
Operating Frequency
500kHz typ.
Operating Temperature Range
-40°C to +85°C(with derating)
Maximum Case Temperature
+100°C
Storage Temperature Range
-55°C to +105°C
Thermal Impedance
Natural convection
12°C/Watt
(see Note 8)
Natural convection with Heat Sink
10°C/Watt
Thermal Shock
MIL-STD-810D
Vibration
10-55Hz, 2G, 30 Min. along X, Y and Z
Relative Humidity
5% to 95% RH
Case Material
Nickel plated copper
Base Material
Non-conductive black plastic
Potting Material
Epoxy (UL94-V0)
Conducted Emissions (see Note 10)
EN55022
Class A
Radiated Emissions
EN55022
Class A
ESD
EN61000-4-2
Perf. Criteria 2
Radiated Immunity
EN61000-4-3
Perf. Criteria 2
Fast Transient
EN61000-4-4
Perf. Criteria 2
Surge
EN61000-4-5
Perf. Criteria 2
Conducted Immunity
EN61000-4-6
Perf. Criteria 2
Weight
27g
Dimensions
50.8 x 25.4 x 10.2mm
MTBF (see Note 2)
1791 x 103 hours
July-2006
257
www.recom-international.com


Similar Part No. - RP20-1212SFN

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-1212SF RECOM-RP20-1212SF Datasheet
96Kb / 4P
   20 Watt 2inch x 1inch Package Single & Dual Output
RP20-1212SF RECOM-RP20-1212SF Datasheet
489Kb / 8P
   20 Watt Single & Dual Output
More results

Similar Description - RP20-1212SFN

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
RP10-123.3SE RECOM-RP10-123.3SE_06 Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP15-123.3SF RECOM-RP15-123.3SF_06 Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP10-2405SEW RECOM-RP10-2405SEW_06 Datasheet
93Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
REC20-242.5SRW RECOM-REC20-242.5SRW Datasheet
80Kb / 2P
   20 Watt 1??x 2??Single Output
RAC20E-K_277 RECOM-RAC20E-K_277 Datasheet
2Mb / 7P
   20 Watt 2” x 1” Single Output
REV.: 0/2022
RPP20-2424S RECOM-RPP20-2424S Datasheet
103Kb / 6P
   20 Watt 2 1 Single Dual Output
REC20-123.3SRWB RECOM-REC20-123.3SRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
RP20-121.5SF RECOM-RP20-121.5SF Datasheet
96Kb / 4P
   20 Watt 2inch x 1inch Package Single & Dual Output
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
   15 Watt 1??x 2??Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com