Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP15-4815DFN Datasheet(PDF) 1 Page - Recom International Power

Part # RP15-4815DFN
Description  15 Watt 2??x 1??Package Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-4815DFN Datasheet(HTML) 1 Page - Recom International Power

  RP15-4815DFN Datasheet HTML 1Page - Recom International Power RP15-4815DFN Datasheet HTML 2Page - Recom International Power RP15-4815DFN Datasheet HTML 3Page - Recom International Power RP15-4815DFN Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
15 Watt
2” x 1” Package
Single & Dual
Output
POWERLINE
DC/DC-Converter
RP15-
S_DF
Series
2:1 Wide Input Voltage Range
15 Watts Output Power
1.6kVDC Isolation
UL Certified
Fixed Operating Frequency
Six-Sided Continuous Shield
Standard 50.8 x25.4x10.2mm Package
Efficiency to 88%
Features
Selection Guide 12V, 24V and 48V Input Types
Part Number
Input
Output
Output
Input
(4)
Efficiency
(5) Capacitive(6)
Range
Voltage
Current
Current
Load max.
VDC
VDC
mA
mA
%
µF
RP15-123.3SF
9-18
3.3
4000
1467
79
10200
RP15-1205SF
9-18
5
3000
1603
82
7050
RP15-1212SF
9-18
12
1250
1524
86
1035
RP15-1215SF
9-18
15
1000
1524
86
705
RP15-243.3SF
18-36
3.3
4000
724
80
10200
RP15-2405SF
18-36
5
3000
781
84
7050
RP15-2412SF
18-36
12
1250
772
85
1035
RP15-2415SF
18-36
15
1000
772
85
705
RP15-483.3SF
36-75
3.3
4000
357
81
10200
RP15-4805SF
36-75
5
3000
396
83
7050
RP15-4812SF
36-75
12
1250
377
87
1035
RP15-4815SF
36-75
15
1000
381
86
705
RP15-1205DF
9-18
±5
±1500
1582
83
±1020
RP15-1212DF
9-18
±12
±625
1524
86
±495
RP15-1215DF
9-18
±15
±500
1563
84
±165
RP15-2405DF
18-36
±5
±1500
781
84
±1020
RP15-2412DF
18-36
±12
±625
762
86
±495
RP15-2415DF
18-36
±15
±500
762
86
±165
RP15-4805DF
36-75
±5
±1500
386
85
±1020
RP15-4812DF
36-75
±12
±625
372
88
±495
RP15-4815DF
36-75
±15
±500
377
87
±165
* add /P
P for CTRL function with Positive Logic (1=ON, 0=OFF)
* add /N
N for CTRL function with Negative Logic (0=ON, 1=OFF)
Description
The F-Series of DC/DC Converters are fully certified to EN 60950: 2000. This makes them ideal for all
Telecom and safety applications where approved isolation is required.
They also meet UL 1950 and CSA 950 standards.
UL-60950-1 Certified
July-2006
www.recom-international.com
240


Similar Part No. - RP15-4815DFN

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-4815DF RECOM-RP15-4815DF Datasheet
97Kb / 4P
   15 Watt 2inch x 1inch Package Single & Dual Output
RP15-4815DF RECOM-RP15-4815DF Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
RP15-4815DFW RECOM-RP15-4815DFW Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
RP15-4815DFW RECOM-RP15-4815DFW Datasheet
494Kb / 7P
   15 Watt Single & Dual Output
RP15-4815DFWN RECOM-RP15-4815DFWN Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
More results

Similar Description - RP15-4815DFN

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
   15 Watt 1??x 2??Single & Dual Output
RP15-243.3SFW RECOM-RP15-243.3SFW Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
RP10-123.3SE RECOM-RP10-123.3SE_06 Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-2405SEW RECOM-RP10-2405SEW_06 Datasheet
93Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
RP15-1233SF RECOM-RP15-1233SF Datasheet
97Kb / 4P
   15 Watt 2inch x 1inch Package Single & Dual Output
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
REC10-123.3SRW RECOM-REC10-123.3SRW Datasheet
82Kb / 2P
   10 Watt 1??x 2??Single & Dual Output
RAC15-K-480 RECOM-RAC15-K-480 Datasheet
2Mb / 6P
   15 Watt 2 x 1.6 Single Output
REV.: 0/2022
RPA40-FR RECOM-RPA40-FR Datasheet
659Kb / 7P
   40 Watt 2“ x 1“ Single and Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com