Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP30-2412DE Datasheet(PDF) 1 Page - Recom International Power

Part # RP30-2412DE
Description  30 Watt Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP30-2412DE Datasheet(HTML) 1 Page - Recom International Power

  RP30-2412DE Datasheet HTML 1Page - Recom International Power RP30-2412DE Datasheet HTML 2Page - Recom International Power RP30-2412DE Datasheet HTML 3Page - Recom International Power RP30-2412DE Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
30 Watt
Single & Dual
Output
POWERLINE
DC/DC-Converter
RP30-
S_DE
Series
2:1 Wide Input Voltage Range
30 Watts Output Power
1.6kVDC Isolation
UL Certified
Fixed Operating Frequency
Six-Sided Continuous Shield
International Safety Standard Approvals
Standard 50.8 x40.6x10.2mm Package
Efficiency to 90%
Features
Selection Guide 12V, 24V and 48V Input Types
Part Number
Input
Output
Output
Input
(4)
Efficiency
(5) Capacitive(6)
Range
Voltage
Current
Current
Load max.
VDC
VDC
mA
mA
%
µF
RP30-121.5SE
9-18
1.5
6000
1014
78
85800
RP30-121.8SE
9-18
1.8
6000
1169
81
65000
RP30-122.5SE
9-18
2.5
6000
1582
83
33000
RP30-123.3SE
9-18
3.3
6000
2037
85
19500
RP30-1205SE
9-18
5
6000
3012
87
10200
RP30-1212SE
9-18
12
2500
2976
88
3240
RP30-1215SE
9-18
15
2000
2976
88
1100
RP30-241.5SE
18-36
1.5
6000
493
80
85800
RP30-241.8SE
18-36
1.8
6000
580
82
65000
RP30-242.5SE
18-36
2.5
6000
780
84
33000
RP30-243.3SE
18-36
3.3
6000
1010
86
19500
RP30-2405SE
18-36
5
6000
1490
88
10200
RP30-2412SE
18-36
12
2500
1470
89
3300
RP30-2415SE
18-36
15
2000
1470
89
1100
RP30-481.5SE
36-75
1.5
6000
244
81
85800
RP30-481.8SE
36-75
1.8
6000
290
83
65000
RP30-482.5SE
36-75
2.5
6000
390
85
33000
RP30-483.3SE
36-75
3.3
6000
500
87
19500
RP30-4805SE
36-75
5
6000
740
89
10200
RP30-4812SE
36-75
12
2500
730
90
3300
RP30-4815SE
36-75
15
2000
730
90
1100
RP30-1212DE
9-18
±12
±1250
3012
87
±1020
RP30-1215DE
9-18
±15
±1000
3012
87
±675
RP30-2412DE
18-36
±12
±1250
1488
88
±1020
RP30-2415DE
18-36
±15
±1000
1488
88
±675
RP30-4812DE
36-75
±12
±1250
744
88
±1020
RP30-4815DE
36-75
±15
±1000
744
88
±675
The E-series of these DC/DC-converters is designed to meet UL 60950. This makes them ideal for all
telecom and safety applications where approved isolation is required. They are also designed to meet
UL 1950 and CSA 950 standards.
Description
UL-60950-1 Certified
July-2006
www.recom-international.com
262


Similar Part No. - RP30-2412DE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-2412DE RECOM-RP30-2412DE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP30-2412DE RECOM-RP30-2412DE Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RP30-2412DEW RECOM-RP30-2412DEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RP30-2412DEW RECOM-RP30-2412DEW Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-2412DEW RECOM-RP30-2412DEW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
More results

Similar Description - RP30-2412DE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
   30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com