Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP30-4812SE Datasheet(PDF) 4 Page - Recom International Power

Part # RP30-4812SE
Description  30 Watt Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP30-4812SE Datasheet(HTML) 4 Page - Recom International Power

  RP30-4812SE Datasheet HTML 1Page - Recom International Power RP30-4812SE Datasheet HTML 2Page - Recom International Power RP30-4812SE Datasheet HTML 3Page - Recom International Power RP30-4812SE Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE
DC/DC-Converter
RP30-S_DE
Series
Weight
48g
Dimensions
50.8 x 40.6 x 10.2mm
MTBF (see Note 2)
1535 x 103 hours
1. An external filter capacitor is required for normal operation. The capacitor should be capable of handing 1A ripple current for 48V/24V models.
RECOM suggest: Nippon chemi-con KMF series, 220µF/100V, ESR 90m
Ω.
2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C (Ground fixed and controlled environment).
3. Simulated source impedance of 12µH. 12µH inductor in series with +Vin.
4. Maximum value at nominal input voltage and full load of standard type.
5. Typical value at nominal input voltage and full load.
6. Test by minimum Vin and constant resistor load.
7. The ON/OFF control pin voltage is referenced to negative input
8. Heat sink is optional and P/N: 7G-0011A.
9. See application notes for EMI-filtering.
Notes :
Package Style and Pinning (mm)
5
50.80
5.10
15.20
17.80
40.60
2
4
45.70
12.70
10.20
17.80
10.20
8
7
6
1
5.6
10.20
dia.
1.0
Bottom View
3rd angle
projection
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
4
CTRL
CTRL
5
No Pin
+Vout
6
+Vout
Com
7
-Vout
-Vout
8
Trim
Trim
Trim Up
RU
Trim Down
RD
7(7)
8(8)
8(8)
6(5)
External Output Trimming
Output can be externally trimmed by using the method
shown below.
( ) for dual output trim
July-2006
265
www.recom-international.com


Similar Part No. - RP30-4812SE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-4812SE RECOM-RP30-4812SE Datasheet
113Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP30-4812SE RECOM-RP30-4812SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP30-4812SE RECOM-RP30-4812SE Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RP30-4812SEW RECOM-RP30-4812SEW Datasheet
273Kb / 3P
   POWERLINE - DC/DC - CONVERTER
RP30-4812SEW RECOM-RP30-4812SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
More results

Similar Description - RP30-4812SE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
   30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com