Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP40-241.8SG Datasheet(PDF) 1 Page - Recom International Power

Part # RP40-241.8SG
Description  40 Watt Single, Dual, Positive Dual & Triple Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-241.8SG Datasheet(HTML) 1 Page - Recom International Power

  RP40-241.8SG Datasheet HTML 1Page - Recom International Power RP40-241.8SG Datasheet HTML 2Page - Recom International Power RP40-241.8SG Datasheet HTML 3Page - Recom International Power RP40-241.8SG Datasheet HTML 4Page - Recom International Power RP40-241.8SG Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
40 Watt
Single, Dual,
Positive Dual &
Triple Output
POWERLINE
DC/DC-Converter
RP40-
S_D_TG
Series
2:1 Wide Input Voltage Range
40 Watts Output Power
1.6kVDC Isolation
UL Certified
Fixed Operating Frequency
Six-Sided Continuous Shield
Design Meet Safety Standard
Standard 50.8 x50.8x10.2mm Package
Efficiency to 90%
Features
Selection Guide 12V, 24V and 48V Input Types
Part Number
Input
Output
Output
Input
(4)
Efficiency
(5) Capacitive(6)
Range
Voltage
Current
Current
Load max.
VDC
VDC
mA
mA
%
µF
RP40-121.5SG
9-18
1.5
8000
1351
78
45000
RP40-121.8SG
9-18
1.8
8000
1579
80
37700
RP40-122.5SG
9-18
2.5
8000
2137
82
27000
RP40-123.3SG
9-18
3.3
8000
2750
84
21000
RP40-1205SG
9-18
5
8000
4065
86
13600
RP40-1212SG
9-18
12
3333
4065
86
2360
RP40-1215SG
9-18
15
2666
4015
87
1510
RP40-241.5SG
18-36
1.5
8000
649
81
45000
RP40-241.8SG
18-36
1.8
8000
759
83
37700
RP40-242.5SG
18-36
2.5
8000
1029
85
27000
RP40-243.3SG
18-36
3.3
8000
1325
87
21000
RP40-2405SG
18-36
5
8000
1961
89
13600
RP40-2412SG
18-36
12
3333
2048
88
2360
RP40-2415SG
18-36
15
2666
1985
89
1510
RP40-481.5SG
36-75
1.5
8000
321
82
45000
RP40-481.8SG
36-75
1.8
8000
375
84
37700
RP40-482.5SG
36-75
2.5
8000
508
86
27000
RP40-483.3SG
36-75
3.3
8000
655
88
21000
RP40-4805SG
36-75
5
8000
969
90
13600
RP40-4812SG
36-75
12
3333
1000
89
2360
RP40-4815SG
36-75
15
2666
992
89
1510
RP40-1212DG
9-18
±12
±1800
4444
85
±1200
RP40-1215DG
9-18
±15
±1400
4321
85
±750
RP40-2412DG
18-36
±12
±1800
2169
87
±1200
RP40-2415DG
18-36
±15
±1400
2108
87
±750
RP40-4812DG
36-75
±12
±1800
1084
87
±1200
RP40-4815DG
36-75
±15
±1400
1054
87
±750
for Triple Output continued on next page
The RP40-xxxxG Series of DC/DC Converters are fully certified to EN 60950: 2000. This makes them
ideal for all
Telecom and safety applications where approved isolation is required.
They also meet UL 1950 and CSA 950 standards.
Description
UL-60950-1 Certified
July-2006
275
www.recom-international.com


Similar Part No. - RP40-241.8SG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-241.8SG RECOM-RP40-241.8SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
More results

Similar Description - RP40-241.8SG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-123.3SE RECOM-RP40-123.3SE_06 Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RP40-G RECOM-RP40-G Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
RPR40-243.3S RECOM-RPR40-243.3S Datasheet
195Kb / 6P
   40 Watt Single & Dual Output
RP40-GW RECOM-RP40-GW Datasheet
500Kb / 8P
   40 Watt Single, Dual Output
REC40-1205SRWB RECOM-REC40-1205SRWB Datasheet
87Kb / 2P
   40 Watt 2??x 2??Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com