Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP40-2415SGW Datasheet(PDF) 1 Page - Recom International Power

Part # RP40-2415SGW
Description  40 Watt 2??x 2??Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-2415SGW Datasheet(HTML) 1 Page - Recom International Power

  RP40-2415SGW Datasheet HTML 1Page - Recom International Power RP40-2415SGW Datasheet HTML 2Page - Recom International Power RP40-2415SGW Datasheet HTML 3Page - Recom International Power RP40-2415SGW Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
40 Watt
2” x 2”
Single & Dual
Output
POWERLINE
DC/DC-Converter
RP40-
S_DGW
Series
4:1 Wide Input Voltage Range
40 Watts Regulated Output Power
1.6kVDC Isolation
Over Current and Over Voltage Protection
Six-Sided Shield
No Derating to 55°C
Standard 2” x2” Package and Pinning
Efficiency to 86%
Features
Regulated
Converters
Selection Guide 24V and 48V Wide Input Types
Derating Graph (Ambient Temperature)
Part Number
Input
Output
Output
Input
(4,5)
Efficiency
(6) Capacitive(7)
Range
Voltage
Current
Current
Load max.
VDC
VDC
mA
mA
%
µF
RP40-243.3SGW
9-36
3.3
10000
80/1677
86
25750
RP40-2405SGW
9-36
5
8000
100/1984
88
13600
RP40-2412SGW
9-36
12
3333
100/1984
88
2360
RP40-2415SGW
9-36
15
2666
110/1984
88
1510
RP40-483.3SGW
18-75
3.3
10000
50/838
86
25750
RP40-4805SGW
18-75
5
8000
50/992
88
13600
RP40-4812SGW
18-75
12
3333
70/992
88
2360
RP40-4815SGW
18-75
15
2666
70/992
88
1510
RP40-2412DGW
9-36
±12
±1667
30/1984
88
±1200
RP40-2415DGW
9-36
±15
±1333
30/1984
88
±750
RP40-4812DGW
18-75
±12
±1667
20/992
88
±1200
RP40-4815DGW
18-75
±15
±1333
20/992
88
±750
125
75
50
25
0
100
Ambient Temperature Range (°C)
-40
-10 0
50 60 70 80 90 100
55
Natural Convection
-25
110
1=75Vin, 2=18Vin, 3=48Vin
Nom Vin
40
12 3
RP40-4805SGW
Derating graphs are valid only for the shown part numbers. If you need detailed derating-information about a
part-number not shown here please contact our technical customer service at info@recom-development.at
* no suffix for CTRL function with Positive Logic (1=ON, 0=OFF), this is standard
* add /N for CTRL function with Negative Logic (0=ON, 1=OFF)
November-2006
www.recom-international.com
280


Similar Part No. - RP40-2415SGW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-2415SGW RECOM-RP40-2415SGW Datasheet
500Kb / 8P
   40 Watt Single, Dual Output
More results

Similar Description - RP40-2415SGW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC40-1205SRWB RECOM-REC40-1205SRWB Datasheet
87Kb / 2P
   40 Watt 2??x 2??Single, Dual & Triple Output
RPA40-FR RECOM-RPA40-FR Datasheet
659Kb / 7P
   40 Watt 2“ x 1“ Single and Dual Output
REV.: 0/2023
REC20-123.3SRWB RECOM-REC20-123.3SRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
RP60-243.3SG RECOM-RP60-243.3SG Datasheet
92Kb / 4P
   60 Watt 2??x 2??Single Output
REC30-1205SRWB RECOM-REC30-1205SRWB Datasheet
106Kb / 4P
   30 Watt 2 inch x 2 inch Single & Dual Output
REC20-1205SRWB RECOM-REC20-1205SRWB Datasheet
106Kb / 4P
   20 Watt 2 inch x 2 inch Single & Dual Output
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
   15 Watt 1??x 2??Single & Dual Output
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
RP15-243.3SFW RECOM-RP15-243.3SFW Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
REC10-123.3SRW RECOM-REC10-123.3SRW Datasheet
82Kb / 2P
   10 Watt 1??x 2??Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com