Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC7.5-4805DRWH1AM Datasheet(PDF) 2 Page - Recom International Power

Part # REC7.5-4805DRWH1AM
Description  7.5 Watt DIP24 & SMD Single & Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC7.5-4805DRWH1AM Datasheet(HTML) 2 Page - Recom International Power

  REC7.5-4805DRWH1AM Datasheet HTML 1Page - Recom International Power REC7.5-4805DRWH1AM Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Characteristics
REC7.5-S_DRW/H*/AM
Series
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm) Wide Input 2:1
3.81
4.60
Bottom View
Top View
11
9
3
2
14
16
22
23
15.24
2.54
1.00ø+0.15/–0
0.51
32.00
10.50
20.30
2.54
3rd angle
projection
Recommended Footprint Details
24 PIN DIP Package
24 PIN SMD Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2412
483.3
4805
4812
Single
Pin Connections DIP24
Pin #
Single
Dual
2
–Vin
–Vin
3
–Vin
–Vin
9
NC
Com
11
NC
–Vout
14
+Vout
+Vout
16
– Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
NC = No Connection
19.90
9 10 11 12
24 23 22
16 15 14 13
21 20
1
3
25
4
1
31.40
25.40
10.90
Bottom View
11 x 2.54
Pin area
0.1 x 0.50
0.50
32.00
11.20
2.54
24.64
27.94
26.67
1.54
2.03
Top View
20.30
3.81
6.35
2.54
23.40
Recommended Footprint Details
Recommended Footprint Details
Recommended Footprint Details
Tol:
± 0.25 mm
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2409D
2405D
4815D
2412D
Dual
All unused pins are NC (No
Connection). SMD pin connecti-
ons follow the standard package
pinning. See Notes for restricti-
ons on /H3 SMD versions.
January-2006
123
www.recom-international.com


Similar Part No. - REC7.5-4805DRWH1AM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC7.5-4805DRW/AM RECOM-REC7.5-4805DRW/AM Datasheet
87Kb / 2P
   7.5 Watt 7.5 Watt Single Dual Output
More results

Similar Description - REC7.5-4805DRWH1AM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC7.5-XX3.3SRWHAM RECOM-REC7.5-XX3.3SRWHAM_10 Datasheet
126Kb / 3P
   7.5 Watt DIP24 & SMD Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
RP08-A RECOM-RP08-A Datasheet
499Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP08-123.3SA RECOM-RP08-123.3SA Datasheet
103Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC5-053.3SRW RECOM-REC5-053.3SRW Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com