Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP20-4805DFW Datasheet(PDF) 3 Page - Recom International Power

Part # RP20-4805DFW
Description  20 Watt 2??x 1??Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-4805DFW Datasheet(HTML) 3 Page - Recom International Power

  RP20-4805DFW Datasheet HTML 1Page - Recom International Power RP20-4805DFW Datasheet HTML 2Page - Recom International Power RP20-4805DFW Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications, cont. (typical at nominal input and 25°C unless otherwise noted)
POWERLINE
DC/DC-Converter
RP20-S_DFW
Series
Notes :
1. The RP20-S_DFW series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under
no-load condition will not damage these devices, however they may not meet all listed specification.
2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C (Ground fixed and controlled environment).
3. Requires external filter to meet EN55022 Class A
4. Typical value at nominal input voltage and no load.
5. Maximum value at nominal input voltage and full load
6. Typical value at nominal input voltage and full load.
7. Test by minimum Vin and constant resistor load.
8. Optional Heatsink Part Number 7G-0020A
9. The ON/OFF control function can be positive or negative logic. The pin voltage is referenced to negative input.
Positive logic ON/OFF is standard, no suffix (Ex. RP20-2405SF)
Negative logic ON/OFF is marked with suffix-N (Ex. RP20-2405SF/N).
External Output Trimming
Single Output can be trimmed ±10% by using external resistors
See Application Notes for details
Package Style and Pinning (mm)
3
1
2
5
4
20.30
50.80
dia.
1.0
10.20
10.20
12.70
15.20
Bottom View
6
2.50
5.10
25.40
5.6
10.20
3rd angle
projection
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
Trim
Com
5
-Vout
-Vout
6
CTRL
CTRL
Trim Up
RU
Trim Down
RD
5
4
4
3
Potting Material
Epoxy (UL94-V0)
Weight
27g
Conducted Emissions (see Note 3)
EN55022
Class A
Radiated Emissions (see Note 3)
EN55022
Class A
ESD
EN61000-4-2
Perf. Critera B
Radiated Immunity
EN61000-4-3
Perf. Critera A
Fast Transient
EN61000-4-4
Perf. Critera B
Surge
EN61000-4-5
Perf. Critera B
Conducted Immunity
EN61000-4-6
Perf. Critera A
Thermal Shock
MIL-STD-810D
Vibration
10-55Hz, 2G, 30 Min. along X, Y and Z
Relative Humidity
5% to 95% RH
MTBF (see Note 2)
Bellcore-TR-NWT-000332
2350 x 103 hours
November-2006
261
www.recom-international.com


Similar Part No. - RP20-4805DFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-4805DFW RECOM-RP20-4805DFW Datasheet
467Kb / 7P
   20 Watt Single & Dual Output
More results

Similar Description - RP20-4805DFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
REC20-242.5SRW RECOM-REC20-242.5SRW Datasheet
80Kb / 2P
   20 Watt 1??x 2??Single Output
RAC20E-K_277 RECOM-RAC20E-K_277 Datasheet
2Mb / 7P
   20 Watt 2” x 1” Single Output
REV.: 0/2022
RPP20-2424S RECOM-RPP20-2424S Datasheet
103Kb / 6P
   20 Watt 2 1 Single Dual Output
REC20-123.3SRWB RECOM-REC20-123.3SRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
   15 Watt 1??x 2??Single & Dual Output
RP15-243.3SFW RECOM-RP15-243.3SFW Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
REC10-123.3SRW RECOM-REC10-123.3SRW Datasheet
82Kb / 2P
   10 Watt 1??x 2??Single & Dual Output
REC20-1205SRWB RECOM-REC20-1205SRWB Datasheet
106Kb / 4P
   20 Watt 2 inch x 2 inch Single & Dual Output
RP10-123.3SE RECOM-RP10-123.3SE_06 Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com