Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST3513UR Datasheet(PDF) 5 Page - Mitsumi Electronics, Corp.

Part # PST3513UR
Description  IC for CMOS System Reset
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST3513UR Datasheet(HTML) 5 Page - Mitsumi Electronics, Corp.

  PST3513UR Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST3513UR Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST3513UR Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST3513UR Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST3513UR Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST3513UR Datasheet HTML 6Page - Mitsumi Electronics, Corp. PST3513UR Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST3513UR Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST3513UR Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MITSUMI
IC for CMOS System Reset PST35XX, 36XX
Electrical Characteristics (Except where noted otherwise, Ta=25°C)
Measuring Circuit
Item
Symbol
Measurement conditions
Min. Typ. Max. Unit
Hysteresis voltage
VHYS
Vs 0.03 Vs 0.05 Vs 0.07
V
Detection voltage
temperature coefficient
Vs/ T
-30°C <= TOPT <= 85°C
±0.01
%/°C
Consumption current 1
ISS1
VDD= (-VDET) -0.13V
4
8
µA
Consumption current 2
ISS2
VDD= (-VDET) +2.0V
1.2
3.6
µA
Output voltage 1
IOUT1
Nch: VDS=0.05V, VDD=0.7V
0.01
0.05
mA
Output voltage 2
IOUT2
VDD=1.5V, Nch:VDS=0.5V, VDD=1.5V
1.0
2.0
mA
Output voltage 3
IOUT3
VDD=4.5V, Pch: VDS=-2.1V
1.0
2.0
mA
Delay terminal threshold voltage
VTCD
VDD= (-VDET)
1.1V
VDD 0.4 VDD 0.5 VDD 0.6
V
Delay terminal output current 1
ICD1
VDS=0.1V, VDD=0.7V
2
30
µA
Delay terminal output current 2
ICD2
VDS=0.5V, VDD=1.5V
200
800
µA
Minimum operating voltage 1
VDDL1
VOUT <
= 0.1V, TOPT=25°C
0.55
0.70
V
Minimum operating voltage 2
VDDL2
VOUT <
= 0.1V, -30°C <
= TOPT <
= 85°C
0.65
0.80
V
Delay circuit resistance
RD
0.5
1.0
2.0
M
Leak current
ILEAK
VDD=10V, VCD=10V, VDS=10V
0.1
µA
(1)
PST35XXNR
(2)
(3)
(4)
Note: Output current is only CMOS output (PST3530NR).


Similar Part No. - PST3513UR

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST3120 MITSUMI-PST3120 Datasheet
177Kb / 9P
   CMOS System Reset
PST3120 MITSUMI-PST3120 Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST3121 MITSUMI-PST3121 Datasheet
177Kb / 9P
   CMOS System Reset
PST3121 MITSUMI-PST3121 Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST3122 MITSUMI-PST3122 Datasheet
177Kb / 9P
   CMOS System Reset
More results

Similar Description - PST3513UR

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
IC-PST81XX MITSUMI-IC-PST81XX Datasheet
157Kb / 11P
   IC for CMOS System Reset
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
   CMOS System Reset IC
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
   CMOS System Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com