Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP20-4815SFW Datasheet(PDF) 2 Page - Recom International Power

Part # RP20-4815SFW
Description  20 Watt 2??x 1??Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-4815SFW Datasheet(HTML) 2 Page - Recom International Power

  RP20-4815SFW Datasheet HTML 1Page - Recom International Power RP20-4815SFW Datasheet HTML 2Page - Recom International Power RP20-4815SFW Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWERLINE
DC/DC-Converter
RP20-S_DFW
Series
Input Voltage Range
24V nominal input
9-36VDC
48V nominal input
18-75VDC
Input Filter
Pi Type
Input Surge Voltage (100 ms max.)
24V Input
50VDC
48V Input
100VDC
Input Reflected Ripple (nominal Vin and full load)
20mAp-p
Start Up Time (nominal Vin and constant resistor load)
20ms typ.
Remote ON/OFF (see Note 1)
DC-DC ON
Open or 3.0V < Vr < 12V
DC-DC OFF
Short or 0V < Vr < 1.2V
Remote OFF input current
Nominal input
2.5mA
Output Power
20W max.
Output Voltage Accuracy (full Load and nominal Vin)
±1%
Minimum Load
0%
Line Regulation (low line, high line at full load)
±0.2%
Load Regulation (0% to 100% full load)
Single
±0.5%
Dual
±1%
Cross Regulation Dual Output (asymmetrical load 25%/100% full load)
±5%
Ripple and Noise (20MHz bandwith)
3.3V
60mVp-p
5.0, 12, 15V
75mVp-p
±5, ±12, ±15V
100mVp-p
Temperature Coefficient
±0.02%/°C max.
Transient Response (25% load step change)
250µs
Input Voltage Variation, dv/dt
complies with ETS300 132, part 4.4
5V/ms
Over Load Protection (% of full load at nominal Vin)
150% typ
Overvoltage Protection (Single)
Zener Diode Clamp
Undervoltage Protection
24V Input
DC-DC ON = 9VDC, DC-DC OFF = 8VDC
48V Input
DC-DC ON = 18VDC, DC-DC OFF = 16VDC
Short Circuit Protection
Continuous, automatic recovery
Efficiency
see „Selection Guide“ table
Isolation Voltage
In to Out and I/O to case
1600VDC min.
Isolation Resistance
10 G
Ω min.
Isolation Capacitance
1500pF max.
Operating Frequency
400kHz typ.
Operating Temperature Range
no derating
-40°C to +63°C
with derating
-40°C to +105°C
Maximum Case Temperature
+105°C
Storage Temperature Range
-55°C to +125°C
Thermal Impedance (see Note 8)
Natural convection
12°C/Watt
with Heatsink
10°C/Watt
Case Material
Nickel plated copper
Base Material
Non-conductive black plastic
continued on next page
Specifications (typical at nominal input and 25°C unless otherwise noted)
November-2006
www.recom-international.com
260


Similar Part No. - RP20-4815SFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-4815SFW RECOM-RP20-4815SFW Datasheet
467Kb / 7P
   20 Watt Single & Dual Output
More results

Similar Description - RP20-4815SFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
REC20-242.5SRW RECOM-REC20-242.5SRW Datasheet
80Kb / 2P
   20 Watt 1??x 2??Single Output
RAC20E-K_277 RECOM-RAC20E-K_277 Datasheet
2Mb / 7P
   20 Watt 2” x 1” Single Output
REV.: 0/2022
RPP20-2424S RECOM-RPP20-2424S Datasheet
103Kb / 6P
   20 Watt 2 1 Single Dual Output
REC20-123.3SRWB RECOM-REC20-123.3SRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
   15 Watt 1??x 2??Single & Dual Output
RP15-243.3SFW RECOM-RP15-243.3SFW Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
REC10-123.3SRW RECOM-REC10-123.3SRW Datasheet
82Kb / 2P
   10 Watt 1??x 2??Single & Dual Output
REC20-1205SRWB RECOM-REC20-1205SRWB Datasheet
106Kb / 4P
   20 Watt 2 inch x 2 inch Single & Dual Output
RP10-123.3SE RECOM-RP10-123.3SE_06 Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com