Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBL2041I Datasheet(PDF) 7 Page - NXP Semiconductors

Part # FBL2041I
Description  3.3V BTL 7-bit Futurebus transceiver standard A-port
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FBL2041I Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button FBL2041I Datasheet HTML 3Page - NXP Semiconductors FBL2041I Datasheet HTML 4Page - NXP Semiconductors FBL2041I Datasheet HTML 5Page - NXP Semiconductors FBL2041I Datasheet HTML 6Page - NXP Semiconductors FBL2041I Datasheet HTML 7Page - NXP Semiconductors FBL2041I Datasheet HTML 8Page - NXP Semiconductors FBL2041I Datasheet HTML 9Page - NXP Semiconductors FBL2041I Datasheet HTML 10Page - NXP Semiconductors FBL2041I Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
FBL2041
FBL2041I
3.3V BTL 7-bit Futurebus+ transceiver (standard A-port)
1999 Apr 27
7
DC ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range unless otherwise noted.
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
IOH
High level output current
B0 – B6
VCC = MAX, VIL = MAX, VOH = 1.9V
100
µA
IO
Power off output current
B0
B6
VCC = 0V, VIL = MAX, VOH = 1.9V
100
µA
IOFF
Power-off output current
B0 – B6
VCC = 0V, VIL = MAX, VOH = 1.9V @ 85°C
300
µA
Hi h l
l
t
t
3
VCC = MIN to MAX; IOH = -100µA
VCC –0.2
V
VOH
High-level output
voltage
AO0 – AO63
VCC = MIN; IOH = -8mA
2.4
V
voltage
VCC = MIN; IOH = -32mA
2.0
V
AO0
AO63
VCC = MIN; IOL = 16mA
0.4
V
VOL
Low-level output voltage
AO0 – AO63
VCC = MIN; IOL = 32mA
0.5
V
B0
B6
VCC = MIN, IOL = 4mA
0.5
V
B0 – B6
VCC = MIN, IOL = 100mA
0.75
1.0
1.20
V
VIK
Input clamp voltage
VCC = MIN, II = IIK = –18mA
–0.85
-1.2
V
Control pins
VCC = 3.6V; VI = VCC or GND
±1.0
I
Input leakage current
Control/ AI0 – AI6
VCC = 0V or 3.6V; VI = 5.5V
10
µA
II
Input leakage current
AI0 – AI6
VCC = 3.6V; VI = VCC
1
µA
Note 4
VCC = 3.6V; VI = 0V
–5
VCC = MAX, VI = 1.9V
100
µA
IIH
High-level input current
B0 – B6
VCC = MAX, VI = 3.5V, note 5
100
mA
VCC = MAX; VI = 3.75V @ –40°C
100
mA
IIL
Low-level input current
B0 – B6
VCC = MAX, VI = 0.75V
-100
µA
IOZH
Off-state output current
AO0 – AO6
VCC = MAX, VO =3V
5
µA
IOZL
Off-state output current
AO0 – AO6
VCC = MAX, VO = 0.5V
-5
µA
ICCZ
VCC = MAX
5.2
13.5
ICC
Supply current (total)
ICCB
VCC = MAX, outputs Low or High
3.2
9.0
mA
ICC
Supply current (total)
ICCL
VCC = MAX, outputs Low
13.5
19.5
mA
ICCH
VCC = MAX, outputs High
10.7
16.0
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operation conditions for the applicable type.
2. All typical values are at VCC = 3.3V, TA = 25°C.
3. Due to test equipment limitations, actual test conditions are VIH = 1.8V and VIL = 1.3V for the B side.
4. Unused pins are at VCC or GND.
5. For B port input voltage between 3 and 5 volt; IIH will be greater than 100mA but the part will continue to function normally (clamping circuit
is active).


Similar Part No. - FBL2041I

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL2040 PHILIPS-FBL2040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
FBL2040BB PHILIPS-FBL2040BB Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
More results

Similar Description - FBL2041I

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL22041 PHILIPS-FBL22041 Datasheet
93Kb / 14P
   3.3V BTL 7-bit Futurebus transceiver standard A-port
1998 Aug 12
FB2041 PHILIPS-FB2041 Datasheet
148Kb / 14P
   7-bit Futurebus transceiver
1995 May 25
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
FBL22033 PHILIPS-FBL22033 Datasheet
147Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1999 Apr 15
FBL22031 PHILIPS-FBL22031 Datasheet
168Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
logo
Texas Instruments
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
logo
NXP Semiconductors
FB2040A PHILIPS-FB2040A Datasheet
414Kb / 12P
   8-bit Futurebus transceiver
1995 May 25
FBL2040 PHILIPS-FBL2040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
FBL22040 PHILIPS-FBL22040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
logo
Texas Instruments
SN75ALS053 TI1-SN75ALS053 Datasheet
274Kb / 11P
[Old version datasheet]   QUADRUPLE FUTUREBUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com