Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP10-2405DEWN Datasheet(PDF) 5 Page - Recom International Power

Part # RP10-2405DEWN
Description  10 Watt 2??x 1??Package Single & Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP10-2405DEWN Datasheet(HTML) 5 Page - Recom International Power

  RP10-2405DEWN Datasheet HTML 1Page - Recom International Power RP10-2405DEWN Datasheet HTML 2Page - Recom International Power RP10-2405DEWN Datasheet HTML 3Page - Recom International Power RP10-2405DEWN Datasheet HTML 4Page - Recom International Power RP10-2405DEWN Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Package Style and Pinning (mm)
3
1
2
5
4
20.30
50.80
dia.
1.0
10.20
10.20
12.70
15.20
Bottom View
6
2.50
5.10
25.40
5.6
10.20
POWERLINE
DC/DC-Converter
3rd angle
projection
RP10-S_DEW
Series
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Com
5
-Vout
-Vout
6*
CTRL*
CTRL*
* Optional. See Note 7
July-2006
www.recom-international.com
228


Similar Part No. - RP10-2405DEWN

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-2405DEW RECOM-RP10-2405DEW Datasheet
99Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
RP10-2405DEW RECOM-RP10-2405DEW Datasheet
495Kb / 7P
   10 Watt Single & Dual Output
More results

Similar Description - RP10-2405DEWN

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-123.3SE RECOM-RP10-123.3SE_06 Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
REC10-123.3SRW RECOM-REC10-123.3SRW Datasheet
82Kb / 2P
   10 Watt 1??x 2??Single & Dual Output
RP15-123.3SF RECOM-RP15-123.3SF_06 Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
RAC10-K-277 RECOM-RAC10-K-277 Datasheet
503Kb / 6P
   10 Watt 2 x 1 Single and Dual Output
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
   15 Watt 1??x 2??Single & Dual Output
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
RP15-243.3SFW RECOM-RP15-243.3SFW Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
RP10-1233SE RECOM-RP10-1233SE Datasheet
101Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
RP10-2405SEW RECOM-RP10-2405SEW Datasheet
99Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com