Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3005J Datasheet(PDF) 10 Page - Mitsumi Electronics, Corp.

Part # MM3005J
Description  CMOS Switching Regulator (PWM controlled)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3005J Datasheet(HTML) 10 Page - Mitsumi Electronics, Corp.

Back Button MM3005J Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3005J Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3005J Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3005J Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM3005J Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM3005J Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM3005J Datasheet HTML 12Page - Mitsumi Electronics, Corp. MM3005J Datasheet HTML 13Page - Mitsumi Electronics, Corp. MM3005J Datasheet HTML 14Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MITSUMI
CMOS Switching Regulator (PWM controlled) MM3005~MM3010
MITSUMI
Characteristics MM3005EN Output voltage3V typ. product
0.0
0.2
0.4
0.6
0.8
1.0
-40 -20
0
20
40
60
80
100
1.2
IOUT=1mA
Ta (
°C)
0.0
0.2
0.4
0.6
0.8
1.0
Ta (
°C)
-40 -20
0
20
40
60
80
100
Starting output voltage - temperature
Starting oscillator voltage - temperature
0
10
20
30
40
50
VOUT=Output Voltage 0.95
Ta (
°C)
-40 -20
0
20
40
60
80
100
0
1
2
3
4
5
VOUT=Output Voltage+0.5
Ta (
°C)
-40 -20
0
20
40
60
80
100
Supply current 1 - temperature
Supply current 2 - temperature
0.0
0.2
0.4
0.6
0.8
1.0
ON/OFF pin=0V
Ta (
°C)
-40 -20
0
20
40
60
80
100
Supply current (OFF) - temperature
0
25
50
75
100
125
150
175
200
255
VCONT=0.4V
Ta (
°C)
-40 -20
0
20
40
60
80
100
Switch current - temperature
Note: these are typical characteristics.


Similar Part No. - MM3005J

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MM3005 CENTRAL-MM3005 Datasheet
56Kb / 1P
   Small Signal Transistors
More results

Similar Description - MM3005J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57254-30GW PHILIPS-SA57254-30GW Datasheet
267Kb / 18P
   CMOS switching regulator (PWM controlled)
2003 Nov 11
logo
Hitachi Semiconductor
HA16654A HITACHI-HA16654A Datasheet
85Kb / 15P
   PWM Controlled Switching Regulator
HA16666P HITACHI-HA16666P Datasheet
93Kb / 15P
   600kHz PWM Controlled Switching Regulator
logo
Seiko Instruments Inc
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
logo
YOBON TECHNOLOGIES,INC.
YB1696 YOBON-YB1696 Datasheet
305Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
Sanken electric
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com