Part Name
         Description
MM1136

 IC for System Reset (with built-in watchdog timer) Monolithic IC ( 6 Page)


MITSUMI
100% 
Zoom Out Zoom In
   
 4 page
background image
MITSUMI
IC for System Reset (with built-in watchdog timer) MM1136
Electrical Characteristics
(Except where noted otherwise, Ta=25°C, VCC=3.8V)
(Except where noted otherwise, resistance unit is
Ω)
Item
Symbol
Measurement conditions
Min. Typ. Max. Units
Consumption current
ICC
No load
200
280
µA
RESET detection voltage
VSLR
VCC : High
Low
RCT : GND, VTC=OPEN
3.10
3.20
3.30
V
Detection voltage
VSR
±0.01 ±0.05 %/°C
temperature coefficient R
T
Hysteresis voltage R
VHYSR
VCC : Low
High
25
50
100
mV
RCT : GND, VTC=OPEN
BC detection voltage
VSLB
VCC : High
Low, RLB=10k
3.30
3.40
3.50
V
Detection voltage
VSB
±0.01 ±0.05 %/°C
temperature coefficient B
T
Hysteresis voltage B
VHYSB
VCC : Low
High, RLB=10k
25
50
100
mV
Detection voltage difference
VSL
VSL=VSLB-VSLR
0.18
0.20
0.22
V
CK input threshold
VTH
0.8
1.2
2
V
CK input current
IIH
VCK=3.8V
0
1
µA
IIL
VCK=0.0V
-15
-6
-2
Output voltage RH
VOHR
IRESET
---------------------------------------------------=-5µA
3.0
3.4
V
Output voltage BH
VOHB
RLB=10k
3.2
3.6
V
Output voltage RL
VOLR
IRESET
---------------------------------------------------=1mA, VCC=3.0V
0.3
0.5
V
Output voltage BL
VOLB
IBC=5mA, VCC=3.0V
0.3
0.5
V
Output sync current R
IOLR
VRESET
---------------------------------------------------=0.5V, VCC=3.0V
1
2
mA
Output sync current B
IOLB
VBC=0.5V, VCC=3.0V
5
10
mA
Output source current R
IOHR
VRESET
---------------------------------------------------=3.4V
8
15
µA
CT charge current
ICT1VTC=1.0V during watchdog timer operation -0.48 -0.24 -0.16
µA
ICT2VTC=1.0V during power ON reset operation -0.48 -0.24 -0.16
µA
Minimum operating power supply
VRESET
---------------------------------------------------=0.4V
voltage to ensure RESET
-----------------------------------------------
VCC
IRESET
---------------------------------------------------=0.1mA
0.8
1.0
V



Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX6701-08Low-Voltage SOT23 uP Supervisors with Power-Fail In/Out Manual Reset and Watchdog Timer 1 2 3 4 5 MoreMaxim Integrated Products
PST38XXUIC for CMOS System Reset Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
PST90XXIC for System Reset Monolithic IC 1 2 3 Mitsumi Electronics, Corp.
PST37XXUIC for CMOS System Reset Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
CAT1021_07Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM Manual Reset and Watchdog Timer 1 2 3 4 5 MoreCatalyst Semiconductor
CAT1161_07Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller and Watchdog Timer 1 2 3 4 5 MoreCatalyst Semiconductor
CAT1163_07Supervisory Circuits with I2C Serial Serial CMOS EEPROM Precision Reset Controller and Watchdog Timer 1 2 3 4 5 MoreCatalyst Semiconductor
CAT1232LP_065V and 3.3V Supply Monitor Watchdog Timer Manual Reset with Active High & Low Resets 1 2 3 4 5 MoreCatalyst Semiconductor
MM1106System Reset with watchdog timer+battery back-up 1 2 3 4 5 Mitsumi Electronics, Corp.
AAT3510Micropower uP Reset with Watchdog Timer 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl