Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD3206BB Datasheet(PDF) 11 Page - NXP Semiconductors

Part # CD3206BB
Description  9-bit latched/registered/pass-thru Futurebus transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CD3206BB Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button CD3206BB Datasheet HTML 7Page - NXP Semiconductors CD3206BB Datasheet HTML 8Page - NXP Semiconductors CD3206BB Datasheet HTML 9Page - NXP Semiconductors CD3206BB Datasheet HTML 10Page - NXP Semiconductors CD3206BB Datasheet HTML 11Page - NXP Semiconductors CD3206BB Datasheet HTML 12Page - NXP Semiconductors CD3206BB Datasheet HTML 13Page - NXP Semiconductors CD3206BB Datasheet HTML 14Page - NXP Semiconductors CD3206BB Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Philips Semiconductors
Product specification
FB2031
9-bit latched/registered/pass-thru Futurebus+ transceiver
1995 May 25
11
AC ELECTRICAL CHARACTERISTICS (Commercial)
A PORT LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C, VCC = 5V,
CL = 50pF, RL = 500Ω
Tamb = 0 to +70°C,
VCC = 5V±10%,
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
Waveform 4
120
150
100
MHz
tPLH
tPHL
Propagation delay (thru mode)
Bn to An
Waveform 1, 2
2.5
2.4
4.4
4.2
5.9
5.5
2.3
2.4
6.6
5.9
ns
tPLH
tPHL
Propagation delay (transparent latch)
Bn to An
Waveform 1, 2
2.9
2.8
4.6
4.3
6.2
5.9
2.7
2.5
7.0
6.5
ns
tPLH
tPHL
Propagation delay
LCBA to An
Waveform 1, 2
2.6
2.4
4.1
4.7
5.5
6.1
2.0
2.0
6.0
6.5
ns
tPLH
tPHL
Propagation delay
SEL0 or SEL1 to An
Waveform 1, 2
1.5
1.7
3.8
3.9
5.2
6.0
1.2
1.5
6.0
6.5
ns
tPZH
tPZL
Output enable time from High or Low
OEA to An
Waveform 5, 6
2.1
2.0
3.5
3.8
4.8
5.3
1.8
1.7
5.8
6.0
ns
tPHZ
tPLZ
Output disable time to High or Low
OEA to An
Waveform 5, 6
1.9
1.7
3.4
3.2
4.8
4.8
1.6
1.5
5.4
5.4
ns
tTLH
tTHL
Output transition time, An Port
10% to 90%, 90% to 10%
Test Circuit and
Waveforms
2.0
1.0
7.5
3.5
ns
tSK(o)
Output to output skew for multiple
channels1
Waveform 3
0.5
1.0
1.5
ns
tSK(p)
Pulse skew 2
 tPHL – tPLH MAX
Waveform 2
0.5
1.0
1.0
ns
NOTES:
1.
 tPNactual – tPMactual for any data input to output path compared to any other data input to output path where N and M are either LH or HL.
Skew times are valid only under same test conditions (temperature, VCC, loading, etc.).
2. tSK(p) is used to quantify duty cycle characteristics. In essence it compares the input signal duty cycle to the corresponding output signal
duty cycle (50MHz input frequency and 50% duty cycle, tested on data paths only).


Similar Part No. - CD3206BB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CD3207 PHILIPS-CD3207 Datasheet
148Kb / 14P
   7-bit Futurebus transceiver
1995 May 25
CD3207BB PHILIPS-CD3207BB Datasheet
148Kb / 14P
   7-bit Futurebus transceiver
1995 May 25
More results

Similar Description - CD3206BB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
FB2033 PHILIPS-FB2033 Datasheet
173Kb / 10P
   8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1995 May 25
FBL22031 PHILIPS-FBL22031 Datasheet
168Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
FBL22033 PHILIPS-FBL22033 Datasheet
147Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1999 Apr 15
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
logo
Texas Instruments
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
   8-Bit Latched Registered Transceiver
logo
NXP Semiconductors
74F8962 PHILIPS-74F8962 Datasheet
97Kb / 10P
   9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
FB2041 PHILIPS-FB2041 Datasheet
148Kb / 14P
   7-bit Futurebus transceiver
1995 May 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com